Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9222-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # UCD9222-EP
Description  DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9222-EP Datasheet(HTML) 1 Page - Texas Instruments

  UCD9222-EP_16 Datasheet HTML 1Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 2Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 3Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 4Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 5Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 6Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 7Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 8Page - Texas Instruments UCD9222-EP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UCD9222-EP
www.ti.com
SLVSBY1 – OCTOBER 2013
DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
Check for Samples: UCD9222-EP
1
FEATURES
2
Fully Configurable Two-Output Non-Isolated
Over and Under-Voltage Fault Protection
DC/DC PWM Controller with support for
Over-Temperature Fault Protection
TMS320C6670™ and TMS320C6678™ DSP VID
Enhanced Nonvolatile Memory With Error
interface
Correction Code (ECC)
Supports Switching Frequencies Up to 2MHz
Device Operates From a Single Supply With an
With 250 ps Duty-Cycle Resolution
Internal Regulator Controller That Allows
Up To 1mV Closed Loop Resolution
Operation Over a Wide Supply Voltage Range
Hardware-Accelerated, 3-Pole/3-Zero
Supported by Fusion Digital Power™
Compensator with Non-Linear Gain for
Designer, a Full Featured PC Based Design
Improved Transient Performance
Tool to Simulate, Configure, and Monitor
Supports Multiple Soft-Start and Soft-Stop
Power Supply Performance.
Configurations Including Prebias Start-up
APPLICATIONS
Supports Voltage Margining and Sequencing
Networking Equipment
Sync In/Out Pins Align DPWM Clocks Between
Multiple UCD92xx Devices
Telecommunications Equipment
12-Bit Digital Monitoring of Power Supply
FPGA, DSP, and Memory Power
Parameters Including:
SUPPORTS DEFENSE, AEROSPACE,
Input Current and Voltage
AND MEDICAL APPLICATIONS
Output Current and Voltage
Controlled Baseline
Temperature at Each Power Stage
One Assembly and Test Site
Auxiliary ADC Inputs
One Fabrication Site
Multiple Levels of Over-current Fault
Protection:
Available in Extended (–55°C to 115°C)
Temperature Range
External Current Fault Inputs
Extended Product Life Cycle
Analog Comparators Monitor Current
Sense Voltage
Extended Product-Change Notification
Current Continually Digitally Monitored
Product Traceability
DESCRIPTION
The UCD9222 is a two-rail synchronous buck digital PWM controller designed for non-isolated DC/DC power
applications. This device integrates dedicated circuitry for DC/DC loop management with support for up to two
VID interfaces. Additionally, the UCD9222 has flash memory and a serial interface to support configurability,
monitoring and management.
Several Voltage Identification (VID) modes are supported, including a 4-bit parallel interface, a 6-bit interface and
an 8-bit serial interface.
The UCD9222 was designed to provide a wide variety of desirable features for non-isolated DC/DC converter
applications while minimizing the total system component count by reducing external circuits. The solution
integrates multi-loop management with sequencing, margining and tracking to optimize for total system
efficiency. Additionally, loop compensation and calibration are supported without the need to add external
components.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320C6670, TMS320C6678, Fusion Digital Power, Auto-ID are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD9222-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
More results

Similar Description - UCD9222-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9244 TI1-UCD9244_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com