Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9222WRGZREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9222WRGZREP
Description  DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9222WRGZREP Datasheet(HTML) 4 Page - Texas Instruments

  UCD9222WRGZREP Datasheet HTML 1Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 2Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 3Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 4Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 5Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 6Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 7Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 8Page - Texas Instruments UCD9222WRGZREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
UCD9222-EP
SLVSBY1 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLY CURRENT
IV33
Total V33 supply current,
54
80
mA
V33A = V33DIO = 3.3 V
IV33DIO
V33DIO = 3.3 V
42
55
mA
Supply current
IV33A
V33A = 3.3 V
8
15
mA
IV33DIO
V33DIO = 3.3 V storing configuration
52
65
mA
parameters in flash memory
INTERNAL REGULATOR CONTROLLER INPUTS/OUTPUTS
V33
3.3-V linear regulator
Emitter of NPN transistor
3.25
3.3
3.6
V
V33FB
3.3-V linear regulator feedback
4
4.6
V
IV33FB
Series pass base drive
VIN = 12 V
0.2
0.4
8
mA
Beta
Series NPN pass device
40
100
EXTERNALLY SUPPLIED 3.3 V POWER
V33D, V33DIO1,
Digital 3.3-V power
TJ = 25°C
3.0
3.6
V
V33DIO2
V33A
Analog 3.3-V power
TJ = 25°C
3.0
3.6
V
ERROR AMPLIFIER INPUTS EAPn, EANn
VCM
Common mode voltage each pin
0
1.8
V
VERROR
Internal error voltage range
AFE_GAIN field of CLA_GAINS = 1X(1)
–256
248
mV
EAP-EAN
Error voltage digital resolution
AFE_GAIN field of CLA_Gains = 8X
1
mV
REA
Input impedance
Ground reference, TJ = 25°C
1.5
M
IOFFSET
Input offset current
1 k
Ω source impedance, TJ = 25°C
–5
5
µA
Vref 10-bit DAC
Vref
Reference voltage setpoint
0
1.7
V
Vrefres
Reference voltage resolution
1.56
mV
ANALOG INPUTS CS1A, CS2A, VinMon, IinMon, Vtrack, Temp1, Temp2, Addr0, Addr1
VADC_RANGE
Measurement range for voltage
Inputs: VinMon, IinMon, Vtrack, Temp1,
0
2.6
V
monitoring
Temp2, CS1A, CS2A
Voffset
input offset voltage
–27
27
mV
VOC_THRS
Over-current comparator threshold
Inputs: CS1A, CS2A
0.032
2
V
voltage range(2)
VOC_RES
Over-current comparator threshold
Inputs: CS1A, CS2A
31.25
mV
voltage range
Tempinternal
Internal temperature sense
Over range from 0°C to 100°C
–15
15
°C
accuracy
INL
ADC integral nonlinearity
TJ = -40°C to 115°C
–2.5
2.5
mV
Ilkg
Input leakage current
3 V applied to pin
100
nA
RIN
Input impedance
Ground reference
8
M
CIN
Current sense input capacitance
10
pF
(1)
See the UCD92xx PMBus Command Reference for the description of the AFE_GAIN field of CLA_GAINS command.
(2)
Can be disabled by setting to '0'
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :UCD9222-EP


Similar Part No. - UCD9222WRGZREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222WRGZREP TI1-UCD9222WRGZREP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
More results

Similar Description - UCD9222WRGZREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9244 TI1-UCD9244 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9244 TI1-UCD9244_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9244-EP TI1-UCD9244-EP Datasheet
1Mb / 44P
[Old version datasheet]   UCD9244-EP Digital PWM System Controller with 4-Bit, 6-Bit, or 8-Bit VID Support
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com