Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA610 Datasheet(PDF) 11 Page - Texas Instruments

Part # VCA610
Description  WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA610 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VCA610_08 Datasheet HTML 6Page - Texas Instruments VCA610_08 Datasheet HTML 7Page - Texas Instruments VCA610_08 Datasheet HTML 8Page - Texas Instruments VCA610_08 Datasheet HTML 9Page - Texas Instruments VCA610_08 Datasheet HTML 10Page - Texas Instruments VCA610_08 Datasheet HTML 11Page - Texas Instruments VCA610_08 Datasheet HTML 12Page - Texas Instruments VCA610_08 Datasheet HTML 13Page - Texas Instruments VCA610_08 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
VCA610
11
SBOS013A
FIGURE 10. Signal Drive of the VCA610 Gain Control Pin
Produces an Exponential Response, Re-expand-
ing Signal Companded by Figure 9.
R
2
330
VCA610
R
1
470
V
O = –VR10
–1.925 [R1 VIN /(R1 + R2) + 1]
V
IN
V
R
–10mV
V
C
FIGURE 11. This Voltage-Tuneable Low-Pass Filter Pro-
duces a Variable Cutoff Frequency with a
3,000:1 Range.
fP = G/2πR2C G = 10 –1.925 (VC + 1)
= –
R
2
R
1
1
1 + R2CS/G
OPA680
VCA610
V
C
V
O
V
OA
R
2
330
R
1
330
C
0.047
µF
V
I
Examination of this result illustrates several circuit charac-
teristics. First, the argument of the log term, –VIN/VR,
reveals an option and a constraint. In Figure 9, VR represents
a DC reference voltage. Optionally, making this voltage a
second signal produces log-ratio operation. Either way, the
log term’s argument constrains the polarities of VR and VIN.
These two voltages must be of opposite polarities to ensure
a positive argument. This polarity combination results when
VR connects to the inverting input of the VCA610. Alter-
nately, switching VR to this amplifier’s noninverting input
removes the minus sign of the log term’s argument. Then,
both voltages must be of the same polarity to produce a
positive argument. In either case, the positive polarity re-
quirement of the argument restricts VIN to a unipolar range.
The above VOL expression reflects a circuit gain introduced
by the presence of R1 and R2. This feature adds a convenient
scaling control to the circuit. However, a practical matter
sets a minimum level for this gain. The voltage divider
formed by R1 and R2 attenuates the voltage supplied to the
VC terminal by the op amp. This attenuation must be great
enough to prevent any possibility of an overload voltage at
the VC terminal. Such an overload saturates the VCA610’s
gain-control circuitry, reducing the amplifier’s gain. For the
feedback connection of Figure 9, this overload condition
permits a circuit latch. To prevent this, choose R1 and R2 to
ensure that the op amp can not possibly deliver more than
2.5V to the VC terminal.
LOW-DRIFT WIDEBAND EXPONENTIAL AMP
A common use of the log amp above involves signal
companding. The inverse function, signal expanding, re-
quires an exponential transfer function. The VCA610 pro-
duces this latter response directly as shown in Figure 10.
DC reference VR again sets the amplifier’s input voltage and
the input signal VIN now drives the gain control point.
Resistors R1 and R2 attenuate this drive to prevent overload-
ing the gain control input. Setting these resistors at the same
values as in the preceding log amp produces an exponential
amplifier with the inverse function of the log amp.
VOLTAGE-CONTROLLED LOW-PASS FILTER
In the circuit of Figure 11, the VCA610 serves as the
variable-gain element of a voltage-controlled low-pass filter.
As will be described, this implementation expands the circuit’s
voltage swing capability over that normally achieved with
the equivalent multiplier implementation. The circuit’s re-
sponse pole responds to control voltage V
C according to the
relationship f
P = G/2πR2C where G = 10
–1.925 (V
C
+ 1). With the
components shown, the circuit provides a linear variation of
the low-pass cutoff from 300Hz to 1MHz.
The response control results from amplification of the feed-
back voltage applied to R
2. Consider first the case where the
VCA610 produces G = 1. Then, the circuit performs as if
this amplifier were replaced by a short circuit. Visually
doing so leaves a simple voltage amplifier with a feedback
resistor bypassed by a capacitor. This basic circuit produces
a response pole at f
P = 1/2πR2C.
For G > 1, the circuit applies a greater voltage to R
2,
increasing the feedback current this resistor supplies to the
summing junction of the OPA620. The increased feedback
current produces the same result as if R
2 had been decreased
in value in the basic circuit described above. Decreasing the
effective R
2 resistance moves the circuit’s pole to a higher
frequency, producing the f
P = G/2πR2C response control.
Finite loop gain and a signal-swing limitation set perfor-
mance boundaries for the circuit. Both limitations occur
when the VCA610 attenuates rather than amplifies the
feedback signal. These two limitations reduce the circuit’s
utility at the lower extreme of the VCA610’s gain range.
For –1
≤ V
C ≤ 0, this amplifier produces attenuating gains in
the range from 0dB to –38.5dB. This directly reduces the net
gain in the circuit’s feedback loop, increasing gain error
V
O
V
I


Similar Part No. - VCA610_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA610P BURR-BROWN-VCA610P Datasheet
212Kb / 12P
   WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
VCA610PA BURR-BROWN-VCA610PA Datasheet
212Kb / 12P
   WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
VCA610U BURR-BROWN-VCA610U Datasheet
212Kb / 12P
   WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
VCA610UA BURR-BROWN-VCA610UA Datasheet
212Kb / 12P
   WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
More results

Similar Description - VCA610_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA610 BURR-BROWN-VCA610 Datasheet
212Kb / 12P
   WIDEBAND VOLTAGE CONTROLLED AMPLIFIER
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
RF Micro Devices
VCO790-915KY RFMD-VCO790-915KY Datasheet
295Kb / 3P
   5V WIDEBAND VOLTAGE CONTROLLED
UMS-3000-R16-G RFMD-UMS-3000-R16-G Datasheet
260Kb / 3P
   WIDEBAND VOLTAGE CONTROLLED OSCILLATOR
UMS-2400-A16-G RFMD-UMS-2400-A16-G Datasheet
262Kb / 3P
   WIDEBAND VOLTAGE CONTROLLED OSCILLATOR
VCO790-1550TY RFMD-VCO790-1550TY Datasheet
279Kb / 3P
   5V WIDEBAND VOLTAGE CONTROLLED
VCO793-750TY RFMD-VCO793-750TY Datasheet
279Kb / 3P
   12V WIDEBAND VOLTAGE CONTROLLED
VCO790-2300TY RFMD-VCO790-2300TY Datasheet
280Kb / 3P
   5V WIDEBAND VOLTAGE CONTROLLED
VCO790-2560KY RFMD-VCO790-2560KY Datasheet
296Kb / 3P
   5V WIDEBAND VOLTAGE CONTROLLED
VCO790-2965KY RFMD-VCO790-2965KY Datasheet
296Kb / 3P
   5V WIDEBAND VOLTAGE CONTROLLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com