Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16VCDTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP16VCDTR2G
Description  3.3 V / 5 V ECL Differential Receiver/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VCDTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP16VCDTR2G Datasheet HTML 1Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 2Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 3Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 4Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 5Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 6Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 7Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 8Page - ON Semiconductor MC100EP16VCDTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 8
1
Publication Order Number:
MC10EP16VC/D
MC100EP16VC
3.3V / 5V ECL Differential
Receiver/Driver with High
Gain and Enable Output
Description
The EP16VC is a differential receiver/driver. The device is
functionally equivalent to the EP16 and LVEP16 devices but with high
gain and enable output.
The EP16VC provides an EN input which is synchronized with the
data input (D) signal in a way that provides glitchless gating of the
QHG and QHG outputs.
When the EN signal is LOW, the input is passed to the outputs and
the data output equals the data input. When the data input is HIGH and
EN goes HIGH, it will force the QHG LOW and the QHG HIGH on the
next negative transition of the data input. If the data input is LOW
when the EN goes HIGH, the next data transition to a HIGH is ignored
and QHG remains LOW and QHG remains HIGH. The next positive
transition of the data input is not passed on to the data outputs under
these conditions. The QHG and QHG outputs remain in their disabled
state as long as the EN input is held HIGH. The EN input has no
influence on the Q output and the data input is passed on (inverted) to
this output whether EN is HIGH or LOW. This configuration is ideal
for crystal oscillator applications where the oscillator can be free
running and gated on and off synchronously without adding extra
counts to the output.
The VBB/D pin is internally dedicated and available for differential
interconnect. VBB/D may rebias AC coupled inputs. When used,
decouple VBB/D and VCC via a 0.01 mF capacitor and limit current
sourcing or sinking to 1.5 mA. When not used, VBB/D should be left
open.
The 100 Series contains temperature compensation.
Features
310 ps Typical Prop Delay Q,
380 ps Typical Prop Delay QHG, QHG
Gain > 200
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
QHG Output Will Default LOW with D Inputs Open or at VEE
VBB Output
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
MARKING DIAGRAMS*
ALYWG
G
KP66
1
8
www.onsemi.com
KEP66
ALYW
G
1
8
14
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Package
Shipping
MC100EP16VCDG
SOIC−8NB
(Pb-Free)
98 Units/Tube
MC100EP16VCDR2G
SOIC−8NB
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16VCDTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16VCDTG
100 Units/Tube
DFN−8
(Pb-Free)
MC100EP16VCMNR4G
1000/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


Similar Part No. - MC100EP16VCDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VCDTR2G ONSEMI-MC100EP16VCDTR2G Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
More results

Similar Description - MC100EP16VCDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com