Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP40DTG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EP40DTG
Description  3.3V / 5V ECL Differential Phase-Frequency Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40DTG Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EP40DTG Datasheet HTML 1Page - ON Semiconductor MC100EP40DTG Datasheet HTML 2Page - ON Semiconductor MC100EP40DTG Datasheet HTML 3Page - ON Semiconductor MC100EP40DTG Datasheet HTML 4Page - ON Semiconductor MC100EP40DTG Datasheet HTML 5Page - ON Semiconductor MC100EP40DTG Datasheet HTML 6Page - ON Semiconductor MC100EP40DTG Datasheet HTML 7Page - ON Semiconductor MC100EP40DTG Datasheet HTML 8Page - ON Semiconductor MC100EP40DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC100EP40
http://onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
MC100EP40DTG
TSSOP−20*
75 Units / Rail
MC100EP40DTR2G
TSSOP−20*
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPS
t I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D
− Odd Number Counters Design
AND8002/D
− Marking and Date Codes
AND8020/D
− Termination of ECL Logic Devices
AND8066/D
− Interfacing with ECLinPS
AND8090/D
− AC Characteristics of ECL Devices


Similar Part No. - MC100EP40DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
More results

Similar Description - MC100EP40DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com