Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16VSDTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP16VSDTG
Description  3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VSDTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP16VSDTG Datasheet HTML 1Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 2Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 3Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 4Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 5Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 6Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 7Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 8Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC100EP16VS
www.onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
D
Q
D
VBB
VCTRL
D*, D**
ECL Data Inputs
Q, Q
ECL Data Outputs
VCTRL*
Output Swing Control
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
* Pins will default LOW when left open.
** Pins will default to VCC/2 when left open.
PIN
FUNCTION
2, 3
6, 7
1
4
8
5
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8 NB
TSSOP−8
Level 1
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
140 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC100EP16VSDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VSDTR2 ONSEMI-MC100EP16VSDTR2 Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
MC100EP16VSDTR2G ONSEMI-MC100EP16VSDTR2G Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
More results

Similar Description - MC100EP16VSDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com