Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT22DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EPT22DR2G
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT22DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EPT22DR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT22DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100EPT22
www.onsemi.com
5
Figure 3. Typical Phase Noise Plot at
fcarrier = 25 MHz
Figure 4. Typical Phase Noise Plot at
fcarrier = 156.25 MHz
The above phase noise plots captured using Agilent
E5052A show additive phase noise of the MC100EPT22
device at frequencies 25 MHz and 156.25 MHz respectively
at an operating voltage of 3.3 V in room temperature. The
RMS Phase Jitter contributed by the device (integrated
between 12 kHz and 20 MHz; as shown in the shaded region
of the plot) at each of the frequencies is 158 fs and 48 fs
respectively. The input source used for the phase noise
measurements is Agilent E8663B.
Figure 5. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EPT22DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22DR2G ONSEMI-MC100EPT22DR2G Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
More results

Similar Description - MC100EPT22DR2G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com