Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT22DTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EPT22DTG
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT22DTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EPT22DTG Datasheet HTML 1Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 2Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 3Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 4Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 5Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 6Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 7Page - ON Semiconductor MC100EPT22DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 14
1
Publication Order Number:
MC100EPT22/D
MC100EPT22
3.3V Dual LVTTL/LVCMOS
to Differential LVPECL
Translator
Description
The MC100EPT22 is a dual LVTTL/LVCMOS to differential
LVPECL translator. Because LVPECL (Positive ECL) levels are used
only +3.3 V and ground are required. The small outline 8−lead
package and the single gate of the EPT22 makes it ideal for those
applications where space, performance, and low power are at a
premium. Because the mature MOSAIC 5 process is used, low cost
and high speed can be added to the list of features.
Features
420 ps Typical Propagation Delay
Maximum Frequency = > 1.1 GHz Typical
Operating Range: VCC = 3.0 V to 3.6 V with GND = 0 V
PNP LVTTL Inputs for Minimal Loading
Q Output Will Default HIGH with Inputs Open
The 100 Series Contains Temperature Compensation.
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
SOIC−8 NB
D SUFFIX
CASE 751−07
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R−02
ALYWG
G
KA22
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
1
8
KPT22
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Package
Shipping†
MC100EPT22DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC100EPT22DR2G
2500 Tape & Reel
TSSOP−8
(Pb-Free)
MC100RPT22DTR2G
2500 Tape & Reel
MC100EPT22DTG
100 Tape & Reel
DFN8
(Pb-Free)
MC100EPT22MNR4G
1000 Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−8 NB
TSSOP−8
DFN8
SOIC−8 NB
(Pb-Free)
TSSOP−8
(Pb-Free)


Similar Part No. - MC100EPT22DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22DTG ONSEMI-MC100EPT22DTG Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
More results

Similar Description - MC100EPT22DTG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com