Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL05 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100LVEL05
Description  3.3V ECL 2?륤nput Differential AND/NAND
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL05 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100LVEL05_16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL05_16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL05_16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL05_16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL05_16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL05_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC100LVEL05
www.onsemi.com
3
Table 3. LVPECL DC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
25
18
25
19
26
mA
VOH
Output HIGH Voltage (Note 2)
2215
2295
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage (Note 2)
1470
1605
1745
1490
1595
1680
1490
1595
1680
mV
VIH
Input HIGH Voltage (Single-Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single-Ended)
1490
1825
1490
1825
1490
1825
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 3)
Vpp < 500 mV
Vpp ≥ 500 mV
1.2
1.5
2.9
2.9
1.1
1.4
2.9
2.9
1.1
1.4
2.9
2.9
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
2. Outputs are terminated through a 50 ohm resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 4. LVNECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −3.3 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
25
18
25
19
26
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 3)
Vpp < 500 mV
Vpp ≥ 500 mV
−2.1
−1.8
−0.4
−0.4
−2.2
−1.9
−0.4
−0.4
−2.2
−1.9
−0.4
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
2. Outputs are terminated through a 50 ohm resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Similar Part No. - MC100LVEL05_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL05D ONSEMI-MC100LVEL05D Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEL05D ONSEMI-MC100LVEL05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL05DG ONSEMI-MC100LVEL05DG Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEL05DR2 ONSEMI-MC100LVEL05DR2 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEL05DR2G ONSEMI-MC100LVEL05DR2G Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com