Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL11DTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL11DTG
Description  ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL11DTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL11DTG Datasheet HTML 1Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 2Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 3Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 4Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 5Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 6Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 7Page - ON Semiconductor MC100LVEL11DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 13
1
Publication Order Number:
MC100LVEL11/D
MC100LVEL11
3.3V ECL 1:2
Differential Fanout Buffer
Description
The MC100LVEL11 is a differential 1:2 fanout buffer. The device is
functionally similar to the E111 device but with higher performance
capabilities. Having within-device skews and output transition times
significantly improved over the E111, the LVEL11 is ideally suited for
those applications which require the ultimate in AC performance.
The differential inputs of the LVEL11 employ clamping circuitry to
maintain stability under open input conditions. If the inputs are left
open (pulled to VEE) the Q outputs will go LOW.
Features
330 ps Propagation Delay
5 ps Skew Between Outputs
High Bandwidth Output Transitions
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors on D,
Pullup and Pulldown Resistors on D
Q Output will Default LOW with Inputs Open or at VEE
These Devices are Pb−Free and are RoHS Compliant
1
2
3
4
5
6
7
8
D
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
Q0
Q0
D
Q1
Q1
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
KV11
ALYW
G
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
www.onsemi.com
KVL11
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
(Note: Microdot may be in either location)
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
3ZM
G
G
1


Similar Part No. - MC100LVEL11DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL11DTG ONSEMI-MC100LVEL11DTG Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
More results

Similar Description - MC100LVEL11DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com