Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL13DWR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEL13DWR2G
Description  ECL Dual 1:3 Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL13DWR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL13DWR2G Datasheet HTML 1Page - ON Semiconductor MC100LVEL13DWR2G Datasheet HTML 2Page - ON Semiconductor MC100LVEL13DWR2G Datasheet HTML 3Page - ON Semiconductor MC100LVEL13DWR2G Datasheet HTML 4Page - ON Semiconductor MC100LVEL13DWR2G Datasheet HTML 5Page - ON Semiconductor MC100LVEL13DWR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100LVEL13
www.onsemi.com
4
Table 5. AC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH
tPHL
Propagation Delay CLK to Q/Q
410
600
430
500
620
450
640
ps
tsk(O)
Output−Output Skew
Any Qa to Qa, Any Qb to Qb
Any Qa to Any Qb
50
75
50
75
50
75
ps
tskew
Duty Cycle Skew |tPLH−tPHL|
50
50
50
ps
tJITTER
Cycle-to-Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Swing (Note 2)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q (20%−80%)
230
500
230
500
230
500
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary ±0.3 V.
2. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100LVEL13DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13DWR2G ONSEMI-MC100LVEL13DWR2G Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
More results

Similar Description - MC100LVEL13DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13_06 Datasheet
117Kb / 6P
   3.3V ECL Dual 1:3 Fanout Buffer
November, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_06 Datasheet
116Kb / 6P
   5V ECL Dual 1:3 Fanout Buffer
October, 2006 ??Rev. 5
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
91Kb / 3P
   Dual 1:3 Fanout Buffer
1996 REV 1
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com