Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL17DWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL17DWG
Description  3.3 V ECL Quad Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL17DWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL17DWG Datasheet HTML 1Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 2Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 3Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 4Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 5Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 6Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC100LVEL17/D
MC100LVEL17
3.3 V ECL Quad Differential
Receiver
Description
The MC100LVEL17 is a 3.3 V ECL, quad differential receiver. The
device is functionally equivalent to the E116 device with the capability
of operation from either a −3.3 V or +3.3 V supply voltage.
Under open input conditions, the D input will be biased at VCC/2
and the D input will be pulled down to VEE. This operation will force
the Q output LOW and ensure stability.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
325 ps Propagation Delay
High Bandwidth Output Transitions
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors D Inputs;
Pullup and Pulldown on D Inputs
Q Output will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
SOIC−20 WB
DW SUFFIX
CASE 751D−05
20
1
100LVEL17
AWLYYWWG
ORDERING INFORMATION
Device
Package
Shipping†
MC100LVEL17DWG
SOIC−20 WB
(Pb-Free)
38 Units / Tube
MC100LVEL17DWR2G
1000 Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−20 WB
(Pb-Free)


Similar Part No. - MC100LVEL17DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL17DWG ONSEMI-MC100LVEL17DWG Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results

Similar Description - MC100LVEL17DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC10EP17 ONSEMI-MC10EP17_16 Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
NB3N4666C ONSEMI-NB3N4666C Datasheet
123Kb / 10P
   3.3 V Quad LVCMOS Differential Line Receiver Translator
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com