Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL32 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEL32
Description  3.3 V ECL /2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL32 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL32_16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 6Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 7Page - ON Semiconductor MC100LVEL32_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVEL32
www.onsemi.com
4
Table 5. AC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
2.2
2.5
2.4
2.6
2.6
2.8
GHz
tPLH
tPHL
Propagation Delay CLK to Q (Differential)
CLK to Q (Single-Ended)
Reset to Q
350
300
440
500
500
555
530
580
640
370
320
450
510
510
540
550
600
650
410
360
480
540
540
580
590
640
680
ps
tRR
Reset Recovery
175
50
175
50
175
50
ps
tPW
Minimum Pulse Width Reset
500
300
500
300
500
300
ps
tJITTER
Random Clock Jitter (RMS)
2.0
2.0
2.0
ps
VPP
Input Swing (Differential Swing) (Note 2)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise / Fall Times Q (20%−80%)
120
225
320
120
225
320
120
225
320
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary ±0.3 V.
2. VPP(min) is input swing measured single-ended on each input in differential configuration.
Figure 1. Timing Diagram
CLK
RESET
Q


Similar Part No. - MC100LVEL32_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL32DG ONSEMI-MC100LVEL32DG Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32DR2 ONSEMI-MC100LVEL32DR2 Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
More results

Similar Description - MC100LVEL32_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_16 Datasheet
159Kb / 7P
   3.3 V ECL /4 Divider
July, 2016 ??Rev. 6
MC100LVEL58 ONSEMI-MC100LVEL58_16 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com