Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2612 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2612
Description  Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2612 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VCA2612 Datasheet HTML 7Page - Texas Instruments VCA2612 Datasheet HTML 8Page - Texas Instruments VCA2612 Datasheet HTML 9Page - Texas Instruments VCA2612 Datasheet HTML 10Page - Texas Instruments VCA2612 Datasheet HTML 11Page - Texas Instruments VCA2612 Datasheet HTML 12Page - Texas Instruments VCA2612 Datasheet HTML 13Page - Texas Instruments VCA2612 Datasheet HTML 14Page - Texas Instruments VCA2612 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VCA2612
11
SBOS117C
www.ti.com
VCA—OVERVIEW
The magnitude of the differential VCA input signal (from the
LNP or an external source) is reduced by a programmable
attenuation factor, set by the analog VCA Control Voltage
(VCACNTL) at pin 43. The maximum attenuation factor is
further programmable by using the three MGS bits (pins 40-
42). Figure 3 illustrates this dual-adjustable characteristic.
Internally, the signal is attenuated by having the analog
VCACNTL vary the channel resistance of a set of shunt-
connected FET transistors. The MGS bits effectively adjust
the overall size of the shunt FET by switching parallel
components in or out under logic control. At any given
maximum gain setting, the analog variable gain characteris-
tic is linear in dB as a function of the control voltage, and is
created as a piecewise approximation of an ideal dB-linear
transfer function. The VCA gain control circuitry is common
to both channels of the VCA2612.
FIGURE 1. Simplified Block Diagram of the VCA2612.
FIGURE 2. Recommended Circuit for Coupling an External
Signal into the VCA Inputs.
0
–24
–45
Control Voltage
0
Maximum Attenuation
Minimum Attenuation
3.0V
FIGURE 3. Swept Attenuator Characteristic.
THEORY OF OPERATION
The VCA2612 is a dual-channel system consisting of three
primary blocks: a Low Noise Preamplifier (LNP), a Voltage
Controlled Attenuator (VCA), and a Programmable Gain
Amplifier (PGA). For greater system flexibility, an onboard
multiplexer is provided for the VCA inputs, selecting either
the LNP outputs or external signal inputs. Figure 1 shows a
simplified block diagram of the dual-channel system.
LNP—OVERVIEW
The LNP input may be connected to provide active-feedback
signal termination, achieving lower system noise perfor-
mance than conventional passive shunt termination. Even
lower noise performance is obtained if signal termination is
not required. The unterminated LNP input impedance is
600k
Ω. The LNP can process fully differential or single-
ended signals in each channel. Differential signal processing
results in significantly reduced 2nd-harmonic distortion and
improved rejection of common-mode and power supply noise.
The first gain stage of the LNP is AC-coupled into its output
buffer with a 44
µs time constant (3.6kHz high-pass charac-
teristic). The buffered LNP outputs are designed to drive the
succeeding VCA directly or, if desired, external loads as low
as 135
Ω with minimal impact on signal distortion. The LNP
employs very low impedance local feedback to achieve
stable gain with the lowest possible noise and distortion.
Four pin-programmable gain settings are available: 5dB,
17dB, 22dB, and 25dB. Additional intermediate gains can be
programmed by adding trim resistors between the Gain Strap
programming pins.
The common-mode DC level at the LNP output is nominally
2.5V, matching the input common-mode requirement of the
VCA for simple direct coupling. When external signals are
fed to the VCA, they should also be set up with a 2.5VDC
common-mode level. Figure 2 shows a circuit that demon-
strates the recommended coupling method using an external
op amp. The
VCM node shown in the drawing is the VCM
output (pin 19). Typical R and C values are shown, yielding
a high-pass time constant similar to that of the LNP. If a
different common-mode referencing method is used, it is
important that the common-mode level be within 10mV of the
VCM output for proper operation.
V
CM (+2.5V)
1k
1k
47nF
To VCA
IN
Input
Signal
VCA
LNP
Channel A
Input
VCA
Control
PGA
Channel A
Output
External
In
A
Maximum
Gain
Select
MGS
Analog
Control
VCA
LNP
Channel B
Input
PGA
Channel B
Output
External
In
B


Similar Part No. - VCA2612

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Texas Instruments
VCA2612 TI-VCA2612 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA2612 TI1-VCA2612 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2612 TI1-VCA2612 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2612Y BURR-BROWN-VCA2612Y Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results

Similar Description - VCA2612

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com