Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2619YRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # VCA2619YRG4
Description  Dual, Variable Gain Amplifier with Input Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2619YRG4 Datasheet(HTML) 5 Page - Texas Instruments

  VCA2619YRG4 Datasheet HTML 1Page - Texas Instruments VCA2619YRG4 Datasheet HTML 2Page - Texas Instruments VCA2619YRG4 Datasheet HTML 3Page - Texas Instruments VCA2619YRG4 Datasheet HTML 4Page - Texas Instruments VCA2619YRG4 Datasheet HTML 5Page - Texas Instruments VCA2619YRG4 Datasheet HTML 6Page - Texas Instruments VCA2619YRG4 Datasheet HTML 7Page - Texas Instruments VCA2619YRG4 Datasheet HTML 8Page - Texas Instruments VCA2619YRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
VCA2619
SBOS276A − AUGUST 2003 − REVISED AUGUST 2003
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = 25°C and VDD = 5V, load resistance = 500Ω on each output to ground, differential output (2VPP) MGS = 111, and fIN = 5MHz, unless
otherwise noted.
GAIN vs VCA
VCA
CNTL (V)
0.2
1.0 1.2
0.8
0.4 0.6
2.0 2.2
1.4 1.6 1.8
2.4 2.6 2.8 3.0
46
42
38
34
30
26
22
18
14
10
6
2
−2
−6
−10
−14
MGS = 111
MGS = 010
MGS = 100
MGS = 011
MGS = 110
MGS = 101
GAIN ERROR vs VCA
CNTL
VCA
CNTL (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
10MHz
5MHz
1MHz
GAIN MATCH: CHA to CHB, VCA
CNTL =0.4V
DeltaGain(dB)
45
40
35
30
25
20
15
10
5
0
GAIN ERROR vs TEMPERATURE
VCA
CNTL (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
+25
_C
−40_C
+85
_C
GAIN ERROR vs VCA
CNTL
VCA
CNTL (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
MGS = 010
MGS = 100
MGS = 111
GAIN MATCH: CHA to CHB, VCA
CNT L =2.9V
Delta Gain (dB)
45
40
35
30
25
20
15
10
5
0


Similar Part No. - VCA2619YRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2619YR BURR-BROWN-VCA2619YR Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
More results

Similar Description - VCA2619YRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2619 BURR-BROWN-VCA2619 Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com