Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2619YT Datasheet(PDF) 9 Page - Texas Instruments

Part # VCA2619YT
Description  Dual, Variable Gain Amplifier with Input Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2619YT Datasheet(HTML) 9 Page - Texas Instruments

Back Button VCA2619YT Datasheet HTML 5Page - Texas Instruments VCA2619YT Datasheet HTML 6Page - Texas Instruments VCA2619YT Datasheet HTML 7Page - Texas Instruments VCA2619YT Datasheet HTML 8Page - Texas Instruments VCA2619YT Datasheet HTML 9Page - Texas Instruments VCA2619YT Datasheet HTML 10Page - Texas Instruments VCA2619YT Datasheet HTML 11Page - Texas Instruments VCA2619YT Datasheet HTML 12Page - Texas Instruments VCA2619YT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VCA2619
SBOS276A − AUGUST 2003 − REVISED AUGUST 2003
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VDD = 5V, load resistance = 500Ω on each output to ground, differential output (2VPP) MGS = 111, and fIN = 5MHz, unless
otherwise noted.
OVERLOAD DISTORTION vs FREQUENCY
Frequency (Hz)
1M
10M
0
−10
−20
−30
−40
−50
−60
0.2V
0.3V
0.5V
1V
55
54
53
52
51
50
49
48
47
46
45
I
CC (CHA and CHB) vs TEMPERATURE
Temperature (
_C)
−40 −30 −20 −10 0
10
203040
5060
7080
90
OVERVIEW
The VCA2619 is a dual-channel, VGA consisting of three
primary blocks: an Input Buffer, a VCA, and a PGA. All
stages are ac coupled, with the coupling into the PGA
stage being made variable by placing an external capaci-
tor between the CP1 and CP2 pins. This will be discussed
further in the PGA section. By using the internal coupling
into the PGA, the result is a high-pass filter characteristic
with cutoff at approximately 75kHz. The output PGA natu-
rally rolls off at around 30MHz, making the usable band-
width of the VCA2619 between 75kHz and 30MHz.
VCA
Buffer
Buffer
Channel A
Input
VCA
Control
PGA
Channel A
Output
Maximum
Gain
Select
MGS
Analog
Control
VCA
Channel B
Input
PGA
Channel B
Output
Figure 1. Simplified Block Diagram of the
VCA2619.
INPUT BUFFER
The input buffer is a unity gain amplifier (gain of +1) with
a bandwidth of 100MHz with an input resistance of approx-
imately 600k
Ω. The input buffer isolates the circuit driving
the VCA2619 inputs from the internal VCA block, which
would present a varying impedance to the input circuitry.
To allow symmetrical operation of the input buffer, the input
to the buffer must be ac coupled through an external ca-
pacitor. The recommended value of the capacitor is
0.01
µF. It should be noted that if the capacitor value were
increased, the power-on time of the VCA2619 would be in-
creased. If a decrease in the power-on time is needed, the
value can be decreased to no less than 100pF.


Similar Part No. - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2619YT BURR-BROWN-VCA2619YT Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
More results

Similar Description - VCA2619YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2619 BURR-BROWN-VCA2619 Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com