Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1110A2408K01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1110A2408K01
Description  Universal Input Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1110A2408K01 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1110A2408K01 Datasheet HTML 1Page - SL Power Electronics MINT1110A2408K01 Datasheet HTML 2Page - SL Power Electronics MINT1110A2408K01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
AC Input
100-240VAC +/- 10%, 47-63 Hz single phase.
Turn On Time
Less than 2 seconds under all rated load conditions.
Input Current
115VAC: 1.4A.
Hold-up Time
16 ms at 110W, nominal input (120VAC).
Inrush Current
The inrush at 264VAC, at a cold start, will not exceed 40A.
Overvoltage Protection
See chart for levels, latching type
Input Fuses
F1, F2: 2.5A, 250VAC fuses provided on all models.
Overload Protection
Hiccup Mode
Power Factor
Complies with EN61000-3-2.
Short Circuit Protection
Hiccup Mode
Efficiency
87% typical.
Overtemperature Protection
Provided on all models.
Output Power
90 - 110W continuous.
Medical Safety Standards
EN/IEC/UL 60601-1, CSA22.2, No. 601.1
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode. Measured with noise
probe directly across output terminals.
Isolation
Input-Output: 4000VAC, Input-Ground: 1500VAC, Output-Ground:
500VDC
Output Voltage
See chart.
Earth Leakage Current
<130µA at 264Vac, 60Hz.
Minimum Load
Not required.
Operating Temperature
0° to 70°C (derate from full rated power above 40°C)
Total Regulation
See chart.
Output Power Derating
Derate Output Power by 2.5% per °C above 40°C, up to 70°C max.
Transient Response
500µs max., 50% load step, typical.
Storage Temperature
-40 to +85°C.
Relative Humidity
5% to 95%, non-condensing
MINT1110A
110W Single Output Series
Medical – Universal Input Power Supply
2 Year Warranty
110W Convection Cooled AC-DC Power Supply
Universal Input 90-264 VAC
Less than 1.27” Height
Rugged EMC Compliant Design
3” x 5” Package
Approved to EN/IEC/UL60601-1 for Medical
Compliant (LVD, RoHS)
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - MINT1110A2408K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1110A2408K01 SLPOWER-MINT1110A2408K01 Datasheet
489Kb / 3P
   110W Single Output Series
More results

Similar Description - MINT1110A2408K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1400 SLPOWER-MINT1400 Datasheet
400Kb / 3P
   Universal Input Power Supply
GNT200 SLPOWER-GNT200 Datasheet
463Kb / 3P
   Universal Input Power Supply
MINT2270 SLPOWER-MINT2270 Datasheet
411Kb / 3P
   Medical ??Universal Input Power Supply
GNT400 SLPOWER-GNT400 Datasheet
882Kb / 4P
   Universal Input Medical & ITE Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
   Medical & ITE ??Universal Input Power Supply
logo
ETA-USA
AOBN-50 ETA-USA-AOBN-50 Datasheet
1Mb / 4P
   50W Power Supply Universal Input PCB Mounted
2019
logo
Vishay Siliconix
AN708 VISHAY-AN708 Datasheet
105Kb / 7P
   Low-Power Universal-Input Power Supply Achieves High Efficiency
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com