Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD15-6-A+G Datasheet(PDF) 1 Page - SL Power Electronics

Part # HD15-6-A+G
Description  DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

HD15-6-A+G Datasheet(HTML) 1 Page - SL Power Electronics

  HD15-6-A+G Datasheet HTML 1Page - SL Power Electronics HD15-6-A+G Datasheet HTML 2Page - SL Power Electronics HD15-6-A+G Datasheet HTML 3Page - SL Power Electronics HD15-6-A+G Datasheet HTML 4Page - SL Power Electronics HD15-6-A+G Datasheet HTML 5Page - SL Power Electronics HD15-6-A+G Datasheet HTML 6Page - SL Power Electronics HD15-6-A+G Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Remote Sensing
Provided on all models; open sense lead protection built-in (except HA & HTAA
series).
Stability
±0.05% for 24 hours after warmup.
Temperature Rating
0 to 50°C full rated, derated linearly to 40% at 70°C.
Temperature Coefficient
±0.01%/°C maximum.
Efficiency
5 V units: 45%; 12 and 15 V units: 55%; 20 and 24 V units: 60%.
Logic Inhibit and Current-Share
F & G models.
Medical Stock and Vibration
Per Mil-Std-810D, Method 514.3, Category 1, Procedure 1.
Per Mil-Std-810D, Method 516.3, Procedure III.
Storage
-40 to +85 °C.
Ac Input
100, 120 and 240 Vac: +10%, -13%; 215 Vac: +12%, -11%; 47 to 63Hz. Toler-
ance for 230 Vac operation is +15%, -10%. Derate output current 10% for 50
Hz operation.
Dc Output
See voltage rating chart. Adjustment range ±5% minimum except HA series.
Line Regulation
±0.05% for a 10% change.
Load Regulation
± 0.05% for a 50% load change.
Output Ripple
3 mV +0.05% of output voltage, peak to peak maximum. All “3-terminal regu-
lator” outputs: 3 mV +0.2% peak to peak maximum.
Transient Response
<50 microseconds for 50% load change.
Short Circuit Protection
Automatic current limit/foldback.
Overvoltage Protection
Built-in on all 5 V models, set at 6.2 V ±0.4 V. Other models use optional over-
voltage protection.
Commercial/Medical
International + Linears
• World-wide ac input ranges and safety
standards
• Industry standard packages
• Commercial UL/CSA TUV/IEC approved—
models to UL/CSA 60950; EN/IEC60950-1
• Burn-in with cycling; 3-year warranty
• Capacitors have highest CV & ripple current
ratings
• Medical Approved to UL2601-1/60601-1,
IEC60601-1 and CSA601.1
• Medical leakage 10 μA
• MTBF 200,000+ hours per MIL-HDBK-217D
(most units)
• All electrolytic caps rated at 105°C
• Transformer insulation meets Class F (155°C)
• Exceed FCC and CISPR22, Class B conducted
emissions
• RoHS Compliant models available (G suffix)
International + Linears
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Summary:
D C P o w e r S u p p l i e s
SPECIFICATIONS
marked to LVD


Similar Part No. - HD15-6-A+G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HD15-6-A++ SLPOWER-HD15-6-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
More results

Similar Description - HD15-6-A+G

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com