Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-43 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ACAN-43
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-43 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ACAN-43 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D1U3CS-W-850-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-850-12-HxxC.A03 Page 1 of 6
www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
ORDERING GUIDE
Part Number
Power Output
Main
Output
Standby Output1
Airflow
D1U3CS-W-850-12-HC4C
850W
12V
3.3V
Back to front
D1U3CS-W-850-12-HC3C
Front to back
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Nom.
Max.
Units
Voltage Operating Range
90
115/230
264
Vac
Frequency
47
50/60
63
Hz
Turn-on Voltage
Ramp up
90
Vac
Turn-off Voltage
Ramp down
73
Maximum Current
850W, 100Vac
10
Arms
Inrush Current
Cold start between 0 to 200msec
25
Apk
Power Factor
At 230Vac, full load
0.98
Efficiency (230Vac) excluding fan
load
20% load
88
89
%
50% load
92
93.5
100% load
88
93
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Voltage Set Point Accuracy
50% load
11.97
12.0
12.02
Vdc
Line and Load Regulation
11.4
12.6
Ripple Voltage & Noise2
20MHz Bandwidth
120
mV p-p
Output Current
0
69.2
A
Load Capacitance
10000
μF
3.3VSB
Voltage Set Point Accuracy
50% load
3.28
3.3
3.32
Vdc
Line and Load Regulation
3.13
3.46
Ripple Voltage & Noise2
20MHz Bandwidth
50
mV p-p
Output Current
0
6
A
Load Capacitance
350
μF
1
For 5vSB, contact Murata Sales for availablity.
2
Ripple and noise are measured with 0.1 μF of ceramic capacitance and 10 μF of tantalum capacitance on each of the power supply
outputs. A short coaxial cable with 50Ω scope termination is used.
FEATURES
850W output power
80 PLUS® Gold efficiency
12V main output
3.3V or 5V standby output of 20W
1U height: 3.20" x 11.00" x 1.57"
15.4 Watts per cubic inch density
N+1 redundancy capable,
including hot plugging (up to 4 in parallel)
Active current sharing on 12V main output;
ORing FET
Overvoltage, overcurrent,
overtemperature protection
Internal cooling fan (variable speed)
PMBus™ / I²C interface
RoHS compliant
PRODUCT OVERVIEW
The D1U3CS-W-850-12-HxxC series are 80 PLUS Gold efficiency 850 watt, power factor corrected front
end supplies with a 12V main output and a 3.3V (20W) standby. They have active current sharing and up to
4 supplies may be operated in parallel. The supplies may be hot plugged, they recover from overtempera-
ture faults, and have logic and PMBus status signals. Their low profile 1U package and >15W/cubic inch
power density make them ideal for delivering reliable, efficient power to servers, workstations, storage
systems and other 12V distributed power systems.
CB
Test Certificate
and Test Report
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
Available now at
www.murata-ps.com/en/3d/acdc.html


Similar Part No. - ACAN-43

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-43 MURATA-PS-ACAN-43 Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - ACAN-43

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HXXC MURATA-PS-D1U3CS-W-1200-12-HXXC Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com