Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-64 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACAN-64
Description  54mm 1U Front End DC-DC Power Supply Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-64 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACAN-64 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 6Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 7Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 8Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
D1U54-D-650-12-HBxC Series
54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBxC.A02 Page 4 of 9
www.murata-ps.com/support
STATUS AND CONTROL SIGNALS
Signal Name
I/O
Description
Interface Details
INPUT_OK (DC Source)
Output
The signal output is driven high when the input source is available and within acceptable limits.
The output is driven low to indicate loss of input power.
There is a minimum of 5ms pre-warning time before signal changes to a high impedance state or
is driven low to indicate loss of 12V. The power supply must ensure that this interface signal
provides accurate status when DC power is lost.
Pulled up internally via 10K to 3.3Vdc.
A logic high >2.0Vdc; A logic low <0.8Vdc
Driven low by internal CMOS buffer (open
drain output).
PW_OK (Output OK)
Output
The signal is asserted, driven high, by the power supply to indicate that all outputs are valid. If any
of the outputs fail then this output will be hi-Z or driven low. The output is driven low to indicate
that the Main output is outside of lower limit of regulation.
Pulled up internally via 10K to 3.3Vdc.
A logic high >2.0Vdc; A logic low <0.8Vdc
Driven low by internal CMOS buffer (open
drain output).
SMB_ALERT
(FAULT/WARNING)
Output
The signal output is driven low to indicate that the power supply has detected a warning or fault
and is intended to alert the system. This output must be driven high when the power is operating
correctly (within specified limits).
The signal will revert to a high level when the warning/fault stimulus (that caused the alert) is
removed.
Pulled up internally via 10K to 3.3Vdc.
A logic high >2.0Vdc;A logic low <0.8Vdc
Driven low by internal CMOS buffer (open
drain output).
PRESENT_L
(Power Supply Absent)
Output
The signal is used to detect the presence (installed) of a PSU by the host system. The signal is
connected to PSU logic SGND within the power module.
Passive connection to +VSB_Return.
A logic low <0.8Vdc
PS_ON
(Power Supply
Enable/Disable
Input
This signal is pulled up internally to the internal housekeeping supply (within the power supply).
The power supply main 12Vdc output will be enabled when this signal is pulled low to
+VSB_Return.
In the low state the signal input shall not source more than 1mA of current. The 12Vdc output will
be disabled when the input is driven higher than 2.4V, or open circuited. Cycling this signal shall
clear latched fault conditions.
Pulled up internally via 10K to 3.3Vdc.
A logic high >2.0Vdc
A logic low <0.8Vdc
Input is via CMOS Schmitt trigger buffer.
PS_KILL
Input
This signal is used during hot swap to disable the main output during hot swap extraction. The
input is pulled up internally to the internal housekeeping supply (within the power supply).
The signal is provided on a short (lagging pin) and should be connected to +VSB_Return.
Pulled up internally via 10K to 3.3Vdc.
A logic high >2.0Vdc; A logic low <0.8Vdc
Input is via CMOS Schmitt trigger buffer.
ADDR (Address Select)
Input
An analogue input that is used to set the address of the internal slave devices (EEPROM and
microprocessor) used for digital communications.
Connection of a suitable resistor to +VSB_Return, in conjunction with an internal resistor divider
chain, will configure the required address (see ADDR Address Selection table).
DC voltage between the limits of 0 and
+3.3Vdc.
SCL (Serial Clock)
Both
A serial clock line compatible with PMBusTM Power Systems Management Protocol Part 1 – General
Requirements Rev 1.1.
No additional internal capacitance is added that would affect the speed of the bus.
The signal is provided with a series isolator device to disconnect the internal power supply bus in
the event that the power module is completely unpowered,
VIL is 0.8V maximum
VOL is 0.4V maximum when sinking 3mA
VIH is 2.1V minimum
SDA (Serial Data)
Both
A serial data line compatible with PMBusTM Power Systems Management Protocol Part 1 – General
Requirements Rev 1.1.
The signal is provided with a series isolator device to disconnect the internal power supply bus in
the event that the power module is completely unpowered,
VIL is 0.8V maximum
VOL is 0.4V maximum when sinking 3mA
VIH is 2.1V minimum
V1_SENSE
V1SENSE_RTN
Input
Remote sense connections intended to be connected at and sense the voltage at the point of load.
The voltage sense will interact with the internal module regulation loop to compensate for voltage
drops due to connection resistance between the output connector and the load.
If remote sense compensation is not required then the voltage shall be configured for local sense
by:
1. V1_SENSE directly connected to power blades 6 to 10 (inclusive)
2. V1_SENSE_RTN directly connected to power blades 1 to 5 (inclusive)
Compensation for up to 0.12Vdc total
connection drop (output and return
connections).
ISHARE
Bi-
Directional
Analogue
Bus
The current sharing signal is connected between sharing units (forming an ISHARE bus). It is an
input and/or an output (bi-directional analogue bus) as the voltage on the line controls the
current share between sharing units. A power supply will respond to a change in this voltage
but a power supply can also change the voltage depending on the load drawn from it. On a
single unit the voltage on the pin (and the common ISHARE bus would read 8VDC at 100% load
(module capability). For two identical units sharing the same 100% load this would read 4VDC
for perfect current sharing (i.e. 50% module load capability per unit).
Analogue voltage:
+8V maximum; 10K to +12V_RTN


Similar Part No. - ACAN-64

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-62 MURATA-PS-ACAN-62 Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
ACAN-63 MURATA-PS-ACAN-63 Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
More results

Similar Description - ACAN-64

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com