Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1270 Datasheet(PDF) 9 Page - Keysight Technologies

Part # U1270
Description  Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1270 Datasheet(HTML) 9 Page - Keysight Technologies

Back Button U1270 Datasheet HTML 5Page - Keysight Technologies U1270 Datasheet HTML 6Page - Keysight Technologies U1270 Datasheet HTML 7Page - Keysight Technologies U1270 Datasheet HTML 8Page - Keysight Technologies U1270 Datasheet HTML 9Page - Keysight Technologies U1270 Datasheet HTML 10Page - Keysight Technologies U1270 Datasheet HTML 11Page - Keysight Technologies U1270 Datasheet HTML 12Page - Keysight Technologies U1270 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Specification Assumptions
– Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than
80% RH.
– AC V and AC μA/mA/A specifications are AC coupled, true RMS and are valid from 5% of range to 100% of range.
– The crest factor may be up to 3.0 at full scale except for the 1000 V range where it is 1.5 at full scale.
– For non-sinusoidal waveforms, add (2% reading + 2% full scale) typical, for crest factors up to 3.
– After Z
LOW voltage measurements, wait at least 20 minutes for thermal impact to cool before proceeding with any
other measurement.
9 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Similar Part No. - U1270

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
More results

Similar Description - U1270

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com