Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1335LLETR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1335LLETR-T
Description  Precision Hall-Effect Angle Sensor IC with I 2C, SPI, and SENT Interfaces
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1335LLETR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1335LLETR-T Datasheet HTML 1Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 2Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 3Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 4Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 5Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 6Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 7Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 8Page - Allegro MicroSystems A1335LLETR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Precision Hall-Effect Angle Sensor IC
with I2C, SPI, and SENT Interfaces
A1335
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Features and Benefits (continued)
Specifications
3
Absolute Maximum Ratings
3
Thermal Characteristics
3
Pinout Diagram and Terminal List
4
Operating Characteristics
5
Functional Description
8
Overview
8
Operation
8
Diagnostic Features
11
Programming Modes
12
Manchester Serial Interface
13
Entering Manchester Communication Mode
13
Transaction Types
13
Writing to EEPROM
13
Manchester Interface Reference
14
SENT Output Mode
15
SENT Message Structure
16
Application Information
17
Serial Interface Description
17
Magnetic Target Requirements
18
Field Strength
18
On-Axis Applications
19
Off-Axis Applications
19
Effect of Orientation on Signal
21
Linearization
22
Correction for Eccentric Orientation
23
Harmonic Coefficients
24
PCB Layout
24
Typical Performance Characteristics
25
Package Outline Drawings
27
• Programmable range—can scale 22.5° to full-scale digital
output
• Microprocessor-based output linearization
• EEPROM with Error Correction Control (ECC) for trimming
calibration
• 1 mm thin (TSSOP) package
• Improved air-gap performance, based on continuous
background calibration
Selection Guide
Part Number
System Die
Package
Packing*
A1335LLETR-T
Single
14-pin TSSOP
4000 pieces per 13-in. reel
A1335LLETR-DD-T
Dual
24-pin TSSOP
4000 pieces per 13-in. reel
*Contact Allegro for additional packing options
Table of Contents


Similar Part No. - A1335LLETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1335LLETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1337 ALLEGRO-A1337 Datasheet
1Mb / 37P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1338 ALLEGRO-A1338 Datasheet
1Mb / 33P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
   Precision Hall-Effect Angle Sensor IC
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
   Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Allegro MicroSystems
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
logo
Texas Instruments
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com