Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6274 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6274
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6274 Datasheet HTML 2Page - Allegro MicroSystems A6274 Datasheet HTML 3Page - Allegro MicroSystems A6274 Datasheet HTML 4Page - Allegro MicroSystems A6274 Datasheet HTML 5Page - Allegro MicroSystems A6274 Datasheet HTML 6Page - Allegro MicroSystems A6274 Datasheet HTML 7Page - Allegro MicroSystems A6274 Datasheet HTML 8Page - Allegro MicroSystems A6274 Datasheet HTML 9Page - Allegro MicroSystems A6274 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTION
VIN Required to Derate ILED by 10%
VINth(L)
VVTH = 1.84 V
19
20
21
V
VIN Derating Range (VINth(L) to VINth(H))
VINthd
ILED drops from 90% to 50% level
6.4
V
MOSFET Drain Short Protection Threshold
VOUT(SC)
Measure across OUT and GND pins
1
V
MOSFET Drain Short Protection Blank Delay
td(OUT,scblnk) Protection disabled from enable instance
1
ms
String Short Detect Voltage
VSC(STRING)
While LED sinks are in regulation; sensed
from VLEDx to VLEDreg, 5 V < VIN < 18 V
1.8
2.6
V
LEDx Not-In-Use Voltage
VLEDx(NULL) Detect during tLEDdet time period
0.18
0.26
0.34
V
LEDx Pin Source Current
ILEDsrc
Source current for Not-In-Use Detection
65
95
μA
LED Connected Detect Time
tLEDdet
ENx = high and VGATE ≤ (VIN – 3.3) at startup
5
ms
LEDx Short-to-Ground Detect Voltage
VLED(SC)
0.16
V
Open-LED Disable Voltage
VOLED_dis
Measured at OUT pin, VVTH = 2 V
10
V
Input Overvoltage Threshold
VVINOV
VEN1 = VEN2 = high
43
V
Thermal Monitor Activation Temperature2
TJM
TJ where ILED drops to 90% level
TJF – 21
°C
Thermal Monitor Low-Current Temperature2
TJL
TJ where ILED drops to 35% level
TJF – 7
°C
Overtemperature Shutdown2
TJF
Temperature increasing
175
°C
Overtemperature Hysteresis2
TJ(HYS)
Recovery = TJF – TJ(HYS)
30
°C
PWM DIMMING: INTERNAL AND EXTERNAL
Internal-to-External PWM Mode Delay
td(PWM,INEX)
1
µs
External-to-Internal PWM Mode Delay
td(PWM,EXIN) VPWMIN < VLOGIC(L)
20
ms
PWM DIMMING INTERNAL
Maximum PWM-Dimming Frequency
fPWM(MAX)
7.15 kΩ between PWMIN and GND
2050
Hz
Minimum PWM-Dimming Frequency
fPWM(MIN)
71.5 kΩ between PWMIN and GND
195
215
235
Hz
PWM Duty Cycle
DPWM52
DR driven by resistor divider from BIAS,
VBIAS ÷ VDR = 27.78, PWM = 205 Hz to
2 kHz
4.5
5.0
5.5
%
DPWM90
DR driven by resistor divider from BIAS,
VBIAS ÷ VDR = 1.54, PWM = 205 Hz to
2 kHz
87
90
93
%
VDRDC(MAX)
Minimum required voltage on DR for 100%
duty cycle
3.6
V
DR Pin Current1
IDR(SRC)
VDR = 2 V
1
μA
ELECTRICAL CHARACTERISTICS (continued): Valid at VIN = 14 V, VENx = 3.3 V; ● indicates specifications across the full operating tempera-
ture range with TJ = –40°C to 150°C; other specifications are at TJ = 25°C, unless noted otherwise. Refer to Figure 1 for typical application circuit.
Continued on the next page…


Similar Part No. - A6274

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com