Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6217KEJTR-J Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6217KEJTR-J
Description  Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6217KEJTR-J Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6217KEJTR-J Datasheet HTML 1Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 2Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 3Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 4Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 5Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 6Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 7Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 8Page - Allegro MicroSystems A6217KEJTR-J Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Automotive-Grade, Constant-Current
PWM Dimmable Buck Regulator LED Driver
A6217 and
A6217-1
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VIN
–0.3 to 50
V
Bootstrap Drive Voltage
VBOOT
–0.3 to VIN+8
V
Switching Voltage
VSW
–1.5 to VIN+0.3
V
Linear Regulator Terminal
VCC
VCC to GND
–0.3 to 7
V
Enable and TON Voltage
VEN, VTON
–0.3 to VIN+0.3
V
Current Sense Voltage
VCS
–0.3 to 7
V
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
SELECTION GUIDE
Part Number
Maximum Output
Current (A)
Package
Packing
A6217KEJTR-J
3
Wettable flank 10-pin DFN with exposed thermal pad
Contact Factory
A6217KEJTR-1-J
1.5
Wettable flank 10-pin DFN with exposed thermal pad
Contact Factory
A6217KLJTR-T
3
8-pin SOICN with exposed thermal pad
3000 pieces per 13-in. reel
A6217KLJTR-1-T
1.5
8-pin SOICN with exposed thermal pad
3000 pieces per 13-in. reel
Pinout Diagrams
Terminal List Table
Number
Name
Function
EJ
LJ
1, 2
1
VIN
Supply voltage input terminals
3
2
TON
Regulator on-time setting resistor terminal;
determines the switching frequency of the converter
4
3
EN
Input for Enable and PWM dimming; rated up to
VIN and logic-level compatible
5
4
CS
Drive output current sense feedback
6
5
VCC
Internal linear regulator output; add filter capacitor
of 0.1 µF from this pin to GND
7
6
GND
Ground terminal
8
7
BOOT
DMOS gate driver bootstrap terminal
9, 10
8
SW
Switched output terminals
PAD
Exposed pad for enhanced thermal dissipation;
connect to GND
THERMAL CHARACTERISTICS*: May require derating at maximum conditions; see application section for optimization
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
DFN-10 (EJ) package on 4-layer PCB based on JEDEC standard
45
ºC/W
SOICN-8 (LJ) package on 4-layer PCB based on JEDEC standard
35
ºC/W
Package Thermal Resistance
(Junction to Pad)
RθJP
2
ºC/W
*Additional thermal information available on the Allegrowebsite.
10
9
8
7
6
SW
SW
BOOT
PAD
GND
VCC
1
2
3
4
5
VIN
VIN
TON
EN
CS
Package EJ Pinouts
SW
BOOT
GND
VCC
VIN
TON
EN
CS
1
2
3
4
8
7
6
5
PAD
Package LJ Pinouts


Similar Part No. - A6217KEJTR-J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6217KEJTR-J

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
A6211 ALLEGRO-A6211 Datasheet
614Kb / 17P
   Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com