Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6274-1 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6274-1
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274-1 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6274-1 Datasheet HTML 3Page - Allegro MicroSystems A6274-1 Datasheet HTML 4Page - Allegro MicroSystems A6274-1 Datasheet HTML 5Page - Allegro MicroSystems A6274-1 Datasheet HTML 6Page - Allegro MicroSystems A6274-1 Datasheet HTML 7Page - Allegro MicroSystems A6274-1 Datasheet HTML 8Page - Allegro MicroSystems A6274-1 Datasheet HTML 9Page - Allegro MicroSystems A6274-1 Datasheet HTML 10Page - Allegro MicroSystems A6274-1 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
LOGIC SIGNAL SPECIFICATIONS
FFn Output (Open Drain)
VFFn(L)
IFFn = 1 mA, fault asserted
0.4
V
FFn Output Leakage Current1
IFFn(LKG)
VFFn = 12 V, fault not asserted
–1
1
µA
PWMIN, ENx Low Voltage
VLOGIC(L)
0.8
V
PWMIN, ENx High Voltage
VLOGIC(H)
2
V
FFn Input Low Voltage
VFFLOGIC(L)
MODE = 1; FFn pin acts as bidirectional
pin when MODE = 1
0.8
V
FFn Input High Voltage
VFFLOGIC(H)
2.1
V
PWMIN Input Hysteresis
VLOGIC(HYS)
150
270
mV
ENx Input Hysteresis
VLOGIC(HYS1)
40
mV
ENx Internal Pull-Down Resistance
RPD(ENx)
200
COMP SPECIFICATIONS
COMP Source Current
ICOMP(SOURCE)
320
µA
COMP Sink Current2
ICOMP(SINK)
–320
µA
COMP Startup Sinking Current
ICOMP(START) VLEDx is < regulation voltage
2
mA
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing), and positive current is defined as going into the node
or pin (sinking).
2
Ensured by design and characterization, not production tested.
2a
Max limit ensured by design and characterization, not production tested.
3
LED accuracy is defined for A6274 as |[1 – (RISETx × ILED(avg) ÷ 298)]| and for A6284 as |[1 – (RISETx × ILED(avg) ÷ 590)]|,
where ILED(avg) is the average of ILED1 through ILED6, RISETx is in kΩ, and ILED is in mA.
4
LED current matching is defined as [(ILEDx – ILED(avg)) ÷ ILED(avg)], with ILED(avg) as defined in Footnote 3.
ELECTRICAL CHARACTERISTICS (continued): Valid at VIN = 14 V, VENx = 3.3 V; ● indicates specifications across the full operating tempera-
ture range with TJ = –40°C to 150°C; other specifications are at TJ = 25°C, unless noted otherwise. Refer to Figure 1 for typical application circuit.


Similar Part No. - A6274-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com