Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6274KLPTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6274KLPTR-T
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274KLPTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6274KLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
VIN
5
42
V
Input Quiescent Current1
IQ
VENx = high, FULL mode
6
mA
Input Sleep Supply Current1
IQSLEEP
VEN1 = VEN2 = 0 V; VDR = VBIAS
6
μA
INTERNAL BIAS CIRCUIT
BIAS Pin Voltage
VBIAS
IBIAS = 0 to 7 mA, 5.6 V ≤ VIN ≤ 18 V
4.75
5
5.25
V
BIAS Pin Dropout
VBIASDROP
Minimum voltage drop across VIN and
BIAS pins. IBIAS < 7 mA, VIN = 5 V
0.3
V
VBIAS Undervoltage Release Threshold
VBIASSTART VIN rising
4.6
V
VBIAS Undervoltage Lockout Stop Threshold
VBIASSTOP
VIN falling
4.2
V
P-CHANNEL MOSFET DRIVER SPECIFICATION
GATE Sink Current1
IGATE(SINK)
Due to on-chip current limit, 10 V < VIN < 18 V
4
mA
Due to on-chip current limit, VIN = 5 V
2
mA
GATE Maximum Voltage (w.r.t. VIN)
VGATE(MAX) VIN – VGATE, VLEDx = 0.3 V
8
10
12
V
GATE Minimum Voltage (w.r.t. VIN)
VGATE(MIN) VIN – VGATE, VLEDx = 1 V
130
360
mV
PMOS Detect Threshold
VGATE(PMOS)
Voltage measured (VIN – VGATE) at end of
startup to detect PMOS connected
600
mV
LEDx CURRENT DRIVER SPECIFICATION
LEDx Regulation Voltage2a
VLEDreg
A6274; not in derating
0.4
0.7
V
A6284; not in derating
0.55
0.85
V
LEDx Accuracy3
ErrLEDx
Measured at ILED(MAX), LEDx mismatch < 0.5 V,
5 V < VIN < 18 V, TJ = 0°C to 150°C
2
3.5
%
LEDx Matching4
ΔILEDx
ISET2 connected to BIAS; compared to
average ILEDx, measured at ILED(MAX), LEDx
mismatch < 1 V, 5 V < VIN < 18 V
0.8
3
%
Maximum LEDx Current
ILED(MAX)
A6274
60
mA
A6284
120
mA
Minimum LEDx Current
ILED(MIN)
A6274
6
mA
A6284
12
mA
Maximum LED Current, ISETx Pin Short-to-
Ground2
ILED(ISETshrt)
A6274
66
mA
A6284
129
mA
LED Current Ramp Time
tRAMP
ILEDx 10% to 90% and 90% to 10%
8
μs
ISETx to ILEDx Gain
gILED
A6274
248
A/A
A6284
492
A/A
ISETx Voltage Level
VISET
0.015 mA ≤ IISETx ≤ 0.3 mA
1.2
V
Continued on the next page…
ELECTRICAL CHARACTERISTICS: Valid at VIN = 14 V, VENx = 3.3 V; ● indicates specifications across the full operating temperature
range with TJ = –40°C to 150°C; other specifications are at TJ = 25°C, unless noted otherwise. Refer to Figure 1 for typical application circuit.


Similar Part No. - A6274KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274KLPTR-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com