Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2323DS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2323DS
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323DS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2323DS Datasheet HTML 1Page - Vishay Siliconix SI2323DS Datasheet HTML 2Page - Vishay Siliconix SI2323DS Datasheet HTML 3Page - Vishay Siliconix SI2323DS Datasheet HTML 4Page - Vishay Siliconix SI2323DS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si2323DS
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72024
S-22121—Rev. B, 25-Nov-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
-0.40
-1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = -16 V, VGS = 0 V
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = -16 V, VGS = 0 V, TJ = 55_C
-10
mA
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = -4.5 V
-20
A
VGS = -4.5 V, ID = -4.7 A
0.031
0.039
Drain-Source On-Resistancea
rDS(on)
VGS = -2.5 V, ID = -4.1 A
0.041
0.052
W
VGS = -1.8 V, ID = -2.0 A
0.054
0.068
Forward Transconductancea
gfs
VDS = -5 V, ID = -4.7 A
16
S
Diode Forward Voltage
VSD
IS = -1.0 A, VGS = 0 V
0.7
-1.2
V
Dynamicb
Total Gate Charge
Qg
12.5
19
Gate-Source Charge
Qgs
VDS = -10 V, VGS = -4.5 V
ID ^ -4.7 A
1.7
nC
Gate-Drain Charge
Qgd
ID ^ -4.7 A
3.3
Input Capacitance
Ciss
1020
Output Capacitance
Coss
VDS = -10 V, VGS = 0, f = 1 MHz
191
pF
Reverse Transfer Capacitance
Crss
140
Switchingc
td(on)
25
40
Turn-On Time
tr
VDD = -10 V, RL = 10 W
^
43
65
td(off)
ID ^ -1.0 A, VGEN = -4.5 V
RG = 6 W
71
110
ns
Turn-Off Time
tf
48
75
Notes
a.
Pulse test: PW
v300 ms duty cycle v2%.
b.
For DESIGN AID ONLY, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.


Similar Part No. - SI2323DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2323DS VISHAY-SI2323DS Datasheet
96Kb / 6P
   P-Channel 20-V (D-S) MOSFET
S-81954-Rev. C, 25-Aug-08
logo
Texas Instruments
Si2323DS TI-Si2323DS Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
Guangdong Kexin Industr...
SI2323DS KEXIN-SI2323DS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2323DS VISHAY-SI2323DS Datasheet
201Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
SI2323DS VISHAY-SI2323DS Datasheet
164Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2323DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com