Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAJ-109-T Datasheet(PDF) 4 Page - Abracon Corporation

Part # ACAJ-109-T
Description  Multiband Chip Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAJ-109-T Datasheet(HTML) 4 Page - Abracon Corporation

  ACAJ-109-T Datasheet HTML 1Page - Abracon Corporation ACAJ-109-T Datasheet HTML 2Page - Abracon Corporation ACAJ-109-T Datasheet HTML 3Page - Abracon Corporation ACAJ-109-T Datasheet HTML 4Page - Abracon Corporation ACAJ-109-T Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ACAJ-109-T
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OUTLINE DIMENSION:
Pb RoHS / RoHS II Compliant
Multiband Chip Antenna
24.0 x 5.5 x 4.4 mm
ACAJ-109-T
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Recommended Land Pattern
A
B
C
D
E
F
25.0
5.5
2.3
20.4
1.8
1.9
Unit: mm.1
Tolerance: ±0.15
5.5mm
24.0mm
4.4mm
REFLOW PROFILE:
This product is designed for reflow soldering only.
Do not use flow (wave) soldering.
Use non-activated flux (Cl content 0.2% max.)
Follow the recommended soldering conditions to
avoid damage.
Reflow-cycle is max. 3 times.


Similar Part No. - ACAJ-109-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACAJ-110-T ABRACON-ACAJ-110-T Datasheet
1Mb / 5P
   RFID Chip Antenna
11.20.15
More results

Similar Description - ACAJ-109-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
logo
Raltron Electronics Cor...
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
   MULTIBAND ANTENNA
RST-MB-P-153-SMA-G RALTRON-RST-MB-P-153-SMA-G Datasheet
214Kb / 3P
   MULTIBAND ANTENNA
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
   MULTIBAND ANTENNA
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
logo
Abracon Corporation
ACAG0301-15752450-T ABRACON-ACAG0301-15752450-T Datasheet
1Mb / 7P
   WiFi GPS Multiband Ceramic Chip Antenna
04.02.2019
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-MMCXRA RALTRON-RPC-900-W5-GSM-MMCXRA Datasheet
223Kb / 2P
   Multiband Blade ANTENNA
logo
Abracon Corporation
APAMPSLJ-142 ABRACON-APAMPSLJ-142 Datasheet
2Mb / 4P
   Multiband Antenna Module
08.03.15
logo
Harris Corporation
RF-3162-AT001 HARRIS-RF-3162-AT001 Datasheet
1Mb / 2P
   Multiband Soldier Antenna
logo
Pulse A Technitrol Comp...
ICEFINXXX PULSE-ICEFINXXX Datasheet
2Mb / 60P
   LOW PROFILE MULTIBAND ANTENNA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com