Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMCA81-3R010G-S1F-T Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMCA81-3R010G-S1F-T
Description  Surface Mount WLAN Antenna (3010MHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMCA81-3R010G-S1F-T Datasheet(HTML) 2 Page - Abracon Corporation

  AMCA81-3R010G-S1F-T Datasheet HTML 1Page - Abracon Corporation AMCA81-3R010G-S1F-T Datasheet HTML 2Page - Abracon Corporation AMCA81-3R010G-S1F-T Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AMCA81-3R010G-S1F-T
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.29.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
8.0 x 1.0 x 1.0mm
RoHS / RoHS II Compliant
OUTLINE DIMENSIONS:
REFLOW PROFILE:
Surface Mount WLAN Antenna (3010MHz)
(Dimensions: mm)
Recommended Land Pattern
Preheat condition: 150 ~200 /60~120ºC sec.
Allowed time above 217ºC: 60~90sec.
Max temp: 260ºC
Max time at max temp: 10sec.
Solder paste: Sn/3.0Ag/0.5Cu
Allowed Reflow time: 2x max
[Note: The reflow profile in the above table is only for qualification and is not meant to specify board assembly
profiles. Actual board assembly profiles must be based on the customer's specific board design, solder paste and
process, and should not exceed the parameters as the Reflow profile shows.]
Pre-heating Temperature: 120ºC, 60ºC ~ 300 sec.
Iron soldering power: Max.30W.
Pre-heating: 150 / 60 sec. ºC.
Soldering Tip temperature: 350 Max. ºC.
Soldering time: 3 sec Max.
Solder paste: Sn/3.0Ag/0.5Cu.
Max 1 times for iron soldering.
Soldering Temperature: 340ºC±5ºC, 5sec max per each terminal.
[Note: Take care not to apply the tip of the soldering iron to the terminal electrodes.]
MANUAL SOLDERING
Series
A
B
C
D
E
F
G
H
I
AMCA81 8.0±0.2 1.0±0.2 1.0±0.2 0.5±0.2 1.5±0.2 1.5±0.2 1.0±0.2 7.0±0.2 1.4±0.2


Similar Part No. - AMCA81-3R010G-S1F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA31-2R450G ABRACON-AMCA31-2R450G Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
AMCA31-2R450G-S1F-T ABRACON-AMCA31-2R450G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
logo
EM Microelectronic - MA...
AMCA31-2R450G-S1F-T EMMICRO-AMCA31-2R450G-S1F-T Datasheet
1Mb / 67P
   5.0 LOW-ENERGY COMPANION OR SOC
logo
Abracon Corporation
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
More results

Similar Description - AMCA81-3R010G-S1F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA52-2R710G-S1F-T ABRACON-AMCA52-2R710G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2710MHz)
10.28.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R780G-S1TF ABRACON-AMCA52-2R780G-S1TF Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
AMCA52-2R540G-S1F-T ABRACON-AMCA52-2R540G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2540MHz)
10.28.13
AMCA62-2R640G-01F-T ABRACON-AMCA62-2R640G-01F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2640MHz)
10.28.13
AMCA72-2R470G-S1F-T ABRACON-AMCA72-2R470G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2470MHz)
10.28.13
AMCA92-2R660G-S1F-T ABRACON-AMCA92-2R660G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2660MHz)
10.29.13
AMCA72-2R860G-02F-T ABRACON-AMCA72-2R860G-02F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2860MHz)
10.29.13
AMCA52-2R780G-S1F-T ABRACON-AMCA52-2R780G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com