Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1190 Datasheet(PDF) 4 Page - Keysight Technologies

Part # U1190
Description  Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1190 Datasheet(HTML) 4 Page - Keysight Technologies

  U1190 Datasheet HTML 1Page - Keysight Technologies U1190 Datasheet HTML 2Page - Keysight Technologies U1190 Datasheet HTML 3Page - Keysight Technologies U1190 Datasheet HTML 4Page - Keysight Technologies U1190 Datasheet HTML 5Page - Keysight Technologies U1190 Datasheet HTML 6Page - Keysight Technologies U1190 Datasheet HTML 7Page - Keysight Technologies U1190 Datasheet HTML 8Page - Keysight Technologies U1190 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Take a Closer Look
Unique wire separator to
separate and clamp wires
from a bundle
Data Hold, Min, or Max
recording capability
LCD display with maximum
reading of 6,000 counts
Backlight display and
built-in LED flashlight1
Figure 2. Built-in LED flashlight
to illuminate test area
Vsense performs non-
contact voltage detection1,
DCµA2, and ACµA2 current
measurements
1. Exclusive to U1192A, U1193A, and U1194A.
2. Exclusive to U1194A.
Capacitance/Diode
test measurements
Resistance/Continuity
measurements
DCV, ACV, DCA2, ACA, and
frequency measurement
capabilites


Similar Part No. - U1190

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1190

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com