Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR90-02EL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAR90-02EL
Description  Silicon Deep Trench PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR90-02EL Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR90-02EL Datasheet HTML 1Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 2Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 3Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 4Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 5Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 6Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 7Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 8Page - Infineon Technologies AG BAR90-02EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2013-06-10
1
BAR90...
Silicon Deep Trench PIN Diodes
• Optimized for low bias current antenna
switches in hand held applications
• Very low capacitance at zero volt
reverse bias at frequencies
above 1GHz (typ. 0.19 pF)
• Low forward resistance
(typ. 1.3
Ω @ IF = 3 mA)
• Improved ON / OFF mode harmonic
distortion balance
• Pb-free (RoHS compliant) package
BAR90-02EL
BAR90-02ELS
BAR90-098LRH
2
1
4
D2
D1
3
2
1
Type
Package
Configuration
LS(nH) Marking
BAR90-02ELS
BAR90-02EL
BAR90-098LRH
TSSLP-2-3
TSLP-2-19
TSLP-4-7
single, leadless
single, leadless
anti-parallel pair, leadless
0.2
0.4
0.4
J*
X
T9
* Marking of TSSLP-2-3 with underline
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Forward current
IF
100
mA
Total power dissipation
TS ≤ 137 °C, BAR90-02ELS
TS ≤ 133°C, all others
Ptot
150
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150


Similar Part No. - BAR90-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
More results

Similar Description - BAR90-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-02LRH INFINEON-BAR90-02LRH Datasheet
904Kb / 10P
   Silicon Deep Trench PIN Diodes
2010-03-05
BAR9002ELE6327 INFINEON-BAR9002ELE6327 Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com