Electronic Components Datasheet Search |
|
BAR64-04W Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
BAR64-04W Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 15 page 2013-06-10 3 BAR64... Electrical Characteristics at TA = 25°C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. AC Characteristics Diode capacitance VR = 20 V, f = 1 MHz VR = 0 V, f = 100 MHz VR = 0 V, f = 1...1.8 GHz, BAR64-02EL VR = 0 V, f = 1...1.8 GHz, all other CT - - - - 0.23 0.3 0.13 0.17 0.35 - - - pF Reverse parallel resistance VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz RP - - - 10 4 3 - - - k Ω Forward resistance IF = 1 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 100 mA, f = 100 MHz rf - - - 12.5 2.1 0.85 20 2.8 1.35 Ω Charge carrier life time IF = 10 mA, IR = 6 mA, measured at IR = 3 mA, RL = 100 Ω τ rr - 1550 - ns I-region width WI - 50 - µm Insertion loss1) IF = 3 mA, f = 1.8 GHz IF = 5 mA, f = 1.8 GHz IF = 10 mA, f = 1.8 GHz IL - - - 0.32 0.23 0.16 - - - dB Isolation1) VR = 0 V, f = 0.9 GHz VR = 0 V, f = 1.8 GHz VR = 0 V, f = 2.45 GHz VR = 0 V, f = 5.6 GHz ISO - - - - 22 17 14.5 8.5 - - - - 1BAR64-02EL in series configuration, Z = 50 Ω |
Similar Part No. - BAR64-04W |
|
Similar Description - BAR64-04W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |