Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TES1350A Datasheet(PDF) 3 Page - Soberton Inc.

Part # TES1350A
Description  THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

TES1350A Datasheet(HTML) 3 Page - Soberton Inc.

  TES1350A Datasheet HTML 1Page - Soberton Inc. TES1350A Datasheet HTML 2Page - Soberton Inc. TES1350A Datasheet HTML 3Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: GT-1204A
PRODUCT: Electro Magnetic Buzzer
EDITION: A/2016
MEASUREMENT TEST CIRCUIT
INSPECTION FIXTURE
PACKING
PAGE 3/3
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
G:
F:
+Vcc
180
CE
V
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
G:
F:
+Vcc
180
CE
V
100PCS
TRAY
(5PCS Tray)
Out Box
Carton Box
(12PCS Out Box)
440
mm
400mm
(500 PCS)
(6000 PCS)
100PCS
TRAY
(5PCS Tray)
Out Box
Carton Box
(12PCS Out Box)
440
mm
400mm
(500 PCS)
(6000 PCS)


Similar Part No. - TES1350A

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
TES1350A SOBERTON-TES1350A Datasheet
174Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
TES1350A SOBERTON-TES1350A Datasheet
217Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
More results

Similar Description - TES1350A

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-1405A SOBERTON-GT-1405A Datasheet
217Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-1206A SOBERTON-GT-1206A Datasheet
174Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-0950RP3 SOBERTON-GT-0950RP3_17 Datasheet
315Kb / 5P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-1206A SOBERTON-GT-1206A_18 Datasheet
197Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com