Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7NP14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7NP14
Description  TinyLogic ULP Triple Inverter with Schmitt Trigger Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NP14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7NP14 Datasheet HTML 1Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 2Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 3Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 4Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 5Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 6Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 7Page - Fairchild Semiconductor NC7NP14 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: Absolute Maximum Ratings: are those values beyond which the
safety of the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VIN)
−0.5V to +4.6V
DC Output Voltage (VOUT)
HIGH or LOW State (Note 2)
−0.5V to V
CC +0.5V
VCC = 0V
−0.5V to 4.6V
DC Input Diode Current (IIK) VIN < 0V
±50 mA
DC Output Diode Current (IOK)
VOUT < 0V
−50 mA
VOUT > VCC
+50 mA
DC Output Source/Sink Current (IOH/IOL)
± 50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
± 50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Supply Voltage
0.9V to 3.6V
Input Voltage (VIN)
0.0V to 3.6V
Output Voltage (VOUT)
HIGH or LOW State
0V to VCC
VCC = 0V
0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±2.6 mA
VCC = 2.3V to 2.7V
±2.1 mA
VCC = 1.65V to 1.95V
±1.5 mA
VCC = 1.40V to 1.60V
±1.0 mA
VCC = 1.10V to 1.30V
±0.5 mA
VCC = 0.9V
±20 µA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VP
Positive Threshold Voltage
0.90
0.3
0.6
0.3
0.6
V
1.10
0.4
1.0
0.4
1.0
1.40
0.5
1.2
0.5
1.2
1.65
0.7
1.5
0.7
1.5
2.30
1.0
1.9
1.0
1.9
3.00
1.5
2.6
1.5
2.6
VN
Negative Threshold Voltage
0.90
0.1
0.6
0.1
0.6
V
1.10
0.15
0.7
0.15
0.7
1.40
0.2
0.8
0.2
0.8
1.65
0.25
0.9
0.25
0.9
2.30
0.4
1.15
0.4
1.15
3.00
0.6
1.5
0.6
1.5
VH
Hysteresis Voltage
0.90
0.07
0.5
0.07
0.5
V
1.10
0.08
0.6
0.08
0.6
1.40
0.09
0.8
0.09
0.8
1.65
0.10
1.0
0.10
1.0
2.30
0.25
1.1
0.25
1.1
3.00
0.60
1.8
0.60
1.8


Similar Part No. - NC7NP14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NP14 FAIRCHILD-NC7NP14 Datasheet
231Kb / 9P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NP14 ONSEMI-NC7NP14 Datasheet
600Kb / 13P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
September 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7NP14K8X FAIRCHILD-NC7NP14K8X Datasheet
231Kb / 9P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
NC7NP14K8X FAIRCHILD-NC7NP14K8X Datasheet
732Kb / 11P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NP14K8X ONSEMI-NC7NP14K8X Datasheet
600Kb / 13P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
September 2008 Rev. 1.0.0
More results

Similar Description - NC7NP14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7NP14 ONSEMI-NC7NP14 Datasheet
600Kb / 13P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
September 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7NP14 FAIRCHILD-NC7NP14_08 Datasheet
732Kb / 11P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
NC7NP14 FAIRCHILD-NC7NP14_05 Datasheet
231Kb / 9P
   TinyLogic ULP Triple Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14 Datasheet
390Kb / 11P
   TinyLogic ULP Inverter with Schmitt Trigger Input
Revised March 2004
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14 Datasheet
293Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14_V01 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14_V01 Datasheet
347Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com