Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-1813S Datasheet(PDF) 2 Page - Soberton Inc.

Part # SP-1813S
Description  THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE PHONE USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-1813S Datasheet(HTML) 2 Page - Soberton Inc.

  SP-1813S Datasheet HTML 1Page - Soberton Inc. SP-1813S Datasheet HTML 2Page - Soberton Inc. SP-1813S Datasheet HTML 3Page - Soberton Inc. SP-1813S Datasheet HTML 4Page - Soberton Inc. SP-1813S Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPICAL FREQUENCY RESPONSE CURVE (Continued)
TYPICAL FREQUENCY RESPONSE CURVE (SPEAKER MODE) (Fig.2)
TEST CLIMATIC CONDITIONS
STANDARD TEST CONDITIONS
temperature
17~25oC
relative humidity
45%~80%(RH)
air pressure
860~1060 hPa
MODEL: SP-1813S
PRODUCT: Dynamic Speaker
EDITION: A/2016
PAGE 2/5


Similar Part No. - SP-1813S

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1813S SOBERTON-SP-1813S Datasheet
400Kb / 5P
   Dynamic Speaker
SP-1813S SOBERTON-SP-1813S_16 Datasheet
400Kb / 5P
   Dynamic Speaker
More results

Similar Description - SP-1813S

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1609S SOBERTON-SP-1609S Datasheet
229Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE PHONE USE
SP-1511S-2 SOBERTON-SP-1511S-2 Datasheet
329Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE TELEPHONE USE
SP-1508 SOBERTON-SP-1508 Datasheet
254Kb / 4P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE TELEPHONE USE
SP-1511S-5 SOBERTON-SP-1511S-5 Datasheet
463Kb / 6P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE TELEPHONE USE
SP-1511-2 SOBERTON-SP-1511-2 Datasheet
417Kb / 6P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE TELEPHONE USE
SP-1609S-2 SOBERTON-SP-1609S-2 Datasheet
261Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE TELEPHONE USE
RC-1506S SOBERTON-RC-1506S Datasheet
455Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1506S-1 SOBERTON-RC-1506S-1_17 Datasheet
260Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1206 SOBERTON-RC-1206_17 Datasheet
411Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1206S SOBERTON-RC-1206S Datasheet
391Kb / 5P
   THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com