Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-35H Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-35H
Description  SMALL SIZE PRESSURE GAUGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35H Datasheet(HTML) 1 Page - Copal Electronics

  PG-35H Datasheet HTML 1Page - Copal Electronics PG-35H Datasheet HTML 2Page - Copal Electronics PG-35H Datasheet HTML 3Page - Copal Electronics PG-35H Datasheet HTML 4Page - Copal Electronics PG-35H Datasheet HTML 5Page - Copal Electronics PG-35H Datasheet HTML 6Page - Copal Electronics PG-35H Datasheet HTML 7Page - Copal Electronics PG-35H Datasheet HTML 8Page - Copal Electronics PG-35H Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Important Information and Warnings
FG
Power supply unit
Earthing of FG terminal
AC input
DC output
Surge absorbing circuit
①For stability, use a regulated direct current power supply.
 Surge absorbing devices(diodes, varistors, etc.)are necessary if inductive loads such as relays or
solenoids are connected to the same circuit as the PG-35H.
 If using a DC power supply unit such as a switching power supply, the FG terminal should be earthed. Do
not wire in parallel to high tension cables or power lines, or use cable ducts which contain high tension
cables or power lines.
②Be careful not to crimp any wires during handling, or put any pressure on the display area of the main body
while assembling piping.
③Use pH neutral detergents to clean the body. Do not use solvents such as thinners.
④This product is dust proof and drip proof(IP65 of IEC standards)and is not suitable for use in
environments requiring higher standards.
 Also, do not use this product in an environment with a possibility of product being covered by liquids other
then water(Such as oil, solvent, and etc.)and outdoor.
⑤Do not use pointed objects such as pens to press the setting buttons on the display panel, as this may push
holes in the setting buttons and damage them.
⑥Do not insert wires, etc. in the pressure port, as this may damage the internal diaphragm and cause
malfunctioning.
⑦The PG-35H series do not have an explosion proof structure.
Do not use it for the detection of flammable gases.
⑧When analog output is supplied to a noise-sensitive device,a
low-pass filter is requested in a customer's circuit.
⑨Countermeasures for noise interference:
 Please connect either the shield wire or the metal part of the
product to frame ground(FG)of the power source.
⑩In case a wire extension is needed, please use a shielded
wire.
INSTRUCTION MANUAL Ver.2.1a
Nishi-Shinjuku Kimuraya Bldg., 7-5-25
Nishi-Shinjuku, Shinjuku-ku, Tokyo 160-0023 Japan Phone:
(03)3364-7055
For more detailed information please ask for the nearest
distributor or the following sales center.
Thank you for purchasing a
NIDEC COPAL ELECTRONICS CORP. product.
In order to use the product correctly and most
appropriately, please completely read this manual before
use and keep it for future reference.
SMALL SIZE PRESSURE GAUGE
PG-35H
1


Similar Part No. - PG-35H

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35H-104R-NPG3 COPAL-PG-35H-104R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-104R-NPR2 COPAL-PG-35H-104R-NPR2 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-354R-NPG3 COPAL-PG-35H-354R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-354R-NPR2 COPAL-PG-35H-354R-NPR2 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35H

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35 Datasheet
2Mb / 7P
   SMALL SIZE PRESSURE GAUGE
logo
Silicon Microstructures...
SM5G-GG SMI-SM5G-GG Datasheet
572Kb / 7P
   Small, Gauge Pressure Sensor
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
   Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
   Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
   Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
   Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
   Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
   Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com