Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB1805-T3 Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB1805-T3
Description  Baseline timekeeping features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1805-T3 Datasheet(HTML) 5 Page - Abracon Corporation

  AB1805-T3 Datasheet HTML 1Page - Abracon Corporation AB1805-T3 Datasheet HTML 2Page - Abracon Corporation AB1805-T3 Datasheet HTML 3Page - Abracon Corporation AB1805-T3 Datasheet HTML 4Page - Abracon Corporation AB1805-T3 Datasheet HTML 5Page - Abracon Corporation AB1805-T3 Datasheet HTML 6Page - Abracon Corporation AB1805-T3 Datasheet HTML 7Page - Abracon Corporation AB1805-T3 Datasheet HTML 8Page - Abracon Corporation AB1805-T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 5 of 37
Abracon Drawing #453568
Revision: C
3. AB18X5 Application Examples
The AB18X5 enables a variety of system implementations in which the AB18X5 can control power usage
by other elements in the system. This is typically used when the entire system is powered from a battery
and minimizing total power usage is critical. The backup RAM in the AB18X5 can be used to hold key
MCU parameters when it is powered down.
3.1 VSS Power Switched
In the recommended implementation, the internal power switch of the AB18X5 is used to completely turn
off the MCU and/or other system elements. In this case the PSW/nIRQ2 output is configured to generate
the Sleep function. Under normal circumstances, the PSW/nIRQ2pin is pulled to VSS with less than 1 ohm
of resistance, so that the MCU receives full power. The MCU initiates a SLP operation, and when the
AB18X5 enters Sleep Mode the PSW/nIRQ2 pin is opened and power is completely removed from the
MCU. This results in significant additional power savings relative to the other alternatives. A variety of
interrupts, including alarms, timers and external interrupts created by a pushbutton as shown, may be used
to exit Sleep Mode and restore MCU power. The RAM of the AB18X5 may be used to retain critical MCU
parameters.
3.2 VCC Power Switched
An external transistor switch T may also be used to turn off power to the MCU. This implementation allows
switching higher current and maintains a common ground. R can be on the order of megohms, so that
negligible current is drawn when the circuit is active and PSW/nIRQ2 is low.
VCC
VSS
IRQ
VCC
AB18X5
MCU
I2C/SPI
VSS
XO
XI
EXTI
FOUT/nIRQ
R
PSW/nIRQ2
VCC
VSS
IRQ
VCC
AB18X5
MCU
I2C/SPI
VSS
R
T
PSW/nIRQ2
FOUT/nIRQ


Similar Part No. - AB1805-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB1805-T3 ABRACON-AB1805-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1805-T3 ABRACON-AB1805-T3 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
More results

Similar Description - AB1805-T3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com