Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB1805-T3 Datasheet(PDF) 11 Page - Abracon Corporation

Part # AB1805-T3
Description  Baseline timekeeping features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1805-T3 Datasheet(HTML) 11 Page - Abracon Corporation

Back Button AB1805-T3 Datasheet HTML 7Page - Abracon Corporation AB1805-T3 Datasheet HTML 8Page - Abracon Corporation AB1805-T3 Datasheet HTML 9Page - Abracon Corporation AB1805-T3 Datasheet HTML 10Page - Abracon Corporation AB1805-T3 Datasheet HTML 11Page - Abracon Corporation AB1805-T3 Datasheet HTML 12Page - Abracon Corporation AB1805-T3 Datasheet HTML 13Page - Abracon Corporation AB1805-T3 Datasheet HTML 14Page - Abracon Corporation AB1805-T3 Datasheet HTML 15Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 11 of 37
Abracon Drawing #453568
Revision: C
5.2 Power Supply Parameters
Figure 3 and Table 5 describe the power supply and switchover parameters. See Power Control and
Switching for a detailed description of the operations.
Figure 3. Power Supply Switchover
For Table 5, T
A = -40 °C to 85 °C, TYP values at 25 °C.
Table 5: Power Supply and Switchover Parameters
SYMBO
L
PARAMETER
PWR
TYPE
POWER STATE
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
System Power Voltage
VCC
Static
VCC Power
Clocks
operating
and RAM and
registers retained
1.5
3.6
V
VCCIO
VCC I/O Interface
Voltage
VCC
Static
VCC Power
I2C or SPI opera-
tion
1.5
3.6
V
VCCST
VCC Start-up Voltage(1)
VCC
Rising
POR -> VCC Power
1.6
V
VCCRST
VCC Reset Voltage
VCC
Falling VCC Power -> POR
VBAT < VBAT,MIN or
no VBAT
1.3
1.5
V
VCCSWR
VCC Rising Switch-over
Threshold Voltage
VCC
Rising
VBAT Power ->
VCC Power
VBAT ≥ VBATRST
1.6
1.7
V
VCCSWF
VCC Falling Switch-over
Threshold Voltage
VCC
Falling
VCC Power ->
VBAT Power
VBAT ≥ VBATSW,MIN
1.2
1.5
V
VCCSWH
VCC Switchover Thresh-
old Hysteresis(2)
VCC
Hyst.
VCC Power <->
VBAT Power
70
mV
VCCFS
VCC Falling Slew Rate
to switch to VBAT state(4)
VCC
Falling
VCC Power ->
VBAT Power
VCC < VCCSW,MAX
0.7
1.4
V/ms
VBAT
Battery Voltage
VBAT Static
VBAT Power
Clocks
operating
and RAM and reg-
isters retained
1.4
3.6
V
VBATSW
Battery Switchover Volt-
age Range(5)
VBAT Static
VCC Power ->
VBAT Power
1.6
3.6
V
VCC
VBAT
Power State
POR
VCCST
VCCRST
VCC Power
VCCST
POR
VCCSWF
VCC Power
VBAT Power
VBATSW
VCCSWR
VCC Power
VCCSWF
VBATRST
VBAT Power
POR


Similar Part No. - AB1805-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB1805-T3 ABRACON-AB1805-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1805-T3 ABRACON-AB1805-T3 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
More results

Similar Description - AB1805-T3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com