Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1500DMR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1500DMR2
Description  Dual Mode PWM/Linear BUCK Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1500DMR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1500DMR2 Datasheet HTML 4Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 5Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 6Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 7Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 8Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 9Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 10Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 11Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP1500
http://onsemi.com
8
Over Voltage Protection
NCP1500 has an overvoltage protection circuit that
protects the output during the PWM mode. Normally, in
PWM mode, the output switch will conduct at the onset of
every synchronization pulse. The minimum output duty
cycle is 3%. The output voltage will rise at minimum duty
cycle and a light load or no load condition is present at the
output. If the output rises more than 5% of the programmed
voltage, an overvoltage comparator will trip. This signal will
reset the PWM latch and hold it in a reset condition until the
output voltage decays below its threshold. The output will
then be allowed to switch at the next synchronization pulse.
This type of operation is usually referred to as PFM or skip
mode operation.
The following figure is a simulation of the regulator
during this condition:
Figure 6. Waveforms of PFM Mode Operation During Over Voltage
0.0
175.00000
181.33333
187.66667
194.00000
200.33333
206.66667
213.00000
VIN
Main FET Current
Inductor Current (Fsync = 300 kHz)
Diode Current
VO (Set to 1 V)
VLX
Gate Voltage for Switching FET
Note: PP − Patent Pending
2.0
4.0
1.05010
1.05080
1.05150
−500 m
1.75
4.00
−100 m
25.0 m
150 m
−10 m
20 m
10 m
0.0
−1.000 m
124.5 m
250.0 m
3.5960
3.6000
3.6040
TIME
(m)


Similar Part No. - NCP1500DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NCP1500DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
List of Unclassifed Man...
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com