Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1500DMR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1500DMR2
Description  Dual Mode PWM/Linear BUCK Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1500DMR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1500DMR2 Datasheet HTML 1Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 2Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 3Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 4Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 5Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 6Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 7Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 8Page - ON Semiconductor NCP1500DMR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
February, 2004 − Rev. 4
1
Publication Order Number:
NCP1500/D
NCP1500
Dual Mode PWM/Linear
BUCK Converter
The NCP1500 is a dual mode converter that operates as either a
pulse width modulated (PWM) buck converter or as a linear regulator.
The converter automatically transitions between the two modes. The
converter operates as a PWM when a synchronization signal is present
at the sync input. The converter operates as a linear regulator in the
absence of a synchronization signal. The PWM mode offers excellent
performance at normal to heavy loads at the sacrifice of output ripple
voltage. The linear mode offers excellent noise rejection at the
sacrifice of system efficiency. The user is able to select which mode
will give the best performance for a given operating condition.
Internal protection features include thermal shutdown with hysteresis
and cycle−by−cycle current limit in the PWM mode. Additionally, the
converter transitions into PFM mode at very light loads if a
synchronization signal is present and an output overvoltage condition
is detected.
PWM Features
Current Mode Control with Cycle−by−Cycle Current Limit
Nominal Synchronization Frequency of 270 to 630 kHz
Built−in Slope Compensation
Linear Regulator Features
Low Output Noise
Overall Features
Thermal Shutdown with Hysteresis
Digitally Programmable Output Voltage Between 4 Voltages:
1.0, 1.3, 1.5, and 1.8
Fast Transient Response
Input Voltage Range From 2.7 V to 5.4 V
Space Saving Micro8 Package
Low Shutdown Current of 0.18 mA Typical
Pb−Free Package is Available
Typical Applications
Baseband Supplies for Portable Handsets
PDAs
Supplies for DSP Circuitry
Figure 1. Typical Operating Circuit
COUT
MBRM120
L
L = 15
mH
CIN = 10 mF
COUT = 10 mF
8
7
6
5
1
2
3
4
SHD
SYN
VO
LX
CB0
CB1
GND
VIN
VIN
CIN
8
7
6
5
1
2
3
4
Micro8
t
(MSOP−8)
DM SUFFIX
CASE 846A
8
1
1
8
A = Assembly Location
Y = Year
W = Work Week
MARKING
DIAGRAM
PIN CONNECTIONS
SHD
SYN
VO
LX
CB0
CB1
GND
VIN
Device
Package
Shipping
ORDERING INFORMATION
NCP1500DMR2
Micro8
4000 Tape/Reel
(Top View)
1500
AYW
http://onsemi.com
NCP1500DMR2G
Micro8
(Pb−Free)
4000 Tape/Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NCP1500DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NCP1500DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
List of Unclassifed Man...
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com