Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216P65 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1216P65
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216P65 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1216P65 Datasheet HTML 1Page - ON Semiconductor NCP1216P65 Datasheet HTML 2Page - ON Semiconductor NCP1216P65 Datasheet HTML 3Page - ON Semiconductor NCP1216P65 Datasheet HTML 4Page - ON Semiconductor NCP1216P65 Datasheet HTML 5Page - ON Semiconductor NCP1216P65 Datasheet HTML 6Page - ON Semiconductor NCP1216P65 Datasheet HTML 7Page - ON Semiconductor NCP1216P65 Datasheet HTML 8Page - ON Semiconductor NCP1216P65 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Maximum
TJ = 150°C, VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
INTERNAL OSCILLATOR (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Oscillation Frequency, 65 kHz Version
fOSC
58.5
65
71.5
kHz
Oscillation Frequency, 100 kHz Version
fOSC
90
100
110
kHz
Oscillation Frequency, 133 kHz Version
fOSC
120
133
146
kHz
Built−in Frequency Jittering in Percentage of fOSC
fjitter
±4.0
%
Maximum Duty−Cycle
NCP1216
NCP1216A
Dmax
69
42
75
46.5
81
50
%
FEEDBACK SECTION (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Internal Pullup Resistor
2
Rup
20
k
W
Pin 2 (FB) to Internal Current Setpoint Division Ratio
Iratio
3.3
SKIP CYCLE GENERATION
Default Skip Mode Level
1
Vskip
0.9
1.1
1.26
V
Pin 1 Internal Output Impedance
1
Zout
25
k
W
INTERNAL RAMP COMPENSATION
Internal Ramp Level @ 25
°C (Note 4)
3
Vramp
2.6
2.9
3.2
V
Internal Ramp Resistance to CS Pin
3
Rramp
19
k
W
4. A 1.0 M
W resistor is connected to the ground for the measurement.


Similar Part No. - NCP1216P65

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P65G ONSEMI-NCP1216P65G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216P65G ONSEMI-NCP1216P65G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216P65G ONSEMI-NCP1216P65G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216P65

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com