Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS55 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SS55
Description  5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SS55 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SS55 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 295 -
SS52 THRU SS520
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
For surface mounted application
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge current capability
.
High temperature soldering guaranteed:
260℃/10 seconds at terminals.
MECHANICAL DATA
.
Terminal: Solder plated
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Packaging:12mm tape per EIA STD RS-481
SMC(DO-214AB)
.280(7.11)
.260(6.60)
.128(3.25)
.108(2.75)
.245(6.22)
.220(5.59)
.103(2.62)
.079(2.00)
.060(1.52)
.030(0.76)
.012(0.305)
.006(0.152)
.008(0.203)
.002(0.051)
.320(8.13)
.305(7.75)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL SS52 SS53 SS54 SS55 SS56 SS58 SS59 SS510 SS515 SS520 units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100 150 200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
105 140
V
Maximum DC blocking Voltage
VDC
20
30
40
50
60
80
90
100 150 200
V
Maximum Average Forward Rectified Current
at TL=90°C
IF(AV)
5.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load (JEDEC
method)
IFSM
120.0
A
Maximum Forward Voltage at 5.0A DC
VF
0.45
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
at rated DC blocking voltage
@TA =25°C
@TA =100°C
IR
0.5
0.1
mA
40.0
10.0
Typical Junction Capacitance (Note1)
CJ
500
112
pF
Typical Thermal Resistance (Note 2)
R(JA)
55
°C/W
Storage Temperature
TSTG
-55+150
°C
Operation Junction Temperature
TJ
-55 to +125
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas.


Similar Part No. - SS55

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS55 JINANJINGHENG-SS55 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS55 DAESAN-SS55 Datasheet
553Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS55 JUXING-SS55 Datasheet
534Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Yixinwei Techn...
SS55 YIXIN-SS55 Datasheet
72Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS55 YANGJIE-SS55 Datasheet
156Kb / 2P
   Schottky Rectifier
More results

Similar Description - SS55

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
S520BF CHONGQING-S520BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PS545L CHONGQING-PS545L Datasheet
196Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S52BF CHONGQING-S52BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_13 Datasheet
242Kb / 3P
   5.0AMPS Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com