Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4728A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SMA4728A
Description  Surface Mount Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMA4728A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SMA4728A Datasheet HTML 1Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 2Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 3Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 4Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 5Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 6Page - Cystech Electonics Corp. SMA4728A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C604SA
Issued Date : 2016.09.05
Revised Date :
Page No. : 2/7
SMA4728A thru SZ1330A
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted.
Part Number
Device
marking
code
Nominal zener voltage
Maximum zener impedance
Maximum reverse
leakage Current
Maximum
DC zener
current
Maximum
surge
current
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
IZM
IRM
(V)
(mA)
(Ω)
(Ω)
(mA)
(
μA)
(V)
(mA)
(mA)
SMA4728A
28A
3.3
76.0
10.0
400
1.00
100.0
1.0
274.0
1370
SMA4729A
29A
3.6
69.0
10.0
400
1.00
100.0
1.0
251.0
1255
SMA4730A
30A
3.9
64.0
9.0
400
1.00
50.0
1.0
232.0
1160
SMA4731A
31A
4.3
58.0
9.0
400
1.00
10.0
1.0
210.0
1050
SMA4732A
32A
4.7
53.0
8.0
500
1.00
10.0
1.0
192.0
960
SMA4733A
33A
5.1
49.0
7.0
550
1.00
10.0
1.0
177.0
885
SMA4734A
34A
5.6
45.0
5.0
600
1.00
10.0
2.0
161.0
805
SMA4735A
35A
6.2
41.0
2.0
700
1.00
10.0
3.0
146.0
730
SMA4736A
36A
6.8
37.0
3.5
700
1.00
5.0
4.0
133.0
660
SMA4737A
37A
7.5
34.0
4.0
700
0.50
5.0
5.0
121.0
605
SMA4738A
38A
8.2
31.0
4.5
700
0.50
5.0
6.0
110.0
550
SMA4739A
39A
9.1
28.0
5.0
700
0.50
0.5
7.0
100.0
500
SMA4740A
40A
10.0
25.0
7.0
700
0.25
0.5
7.6
91.0
454
SMA4741A
41A
11.0
23.0
8.0
700
0.25
0.1
8.4
83.0
414
SMA4742A
42A
12.0
21.0
9.0
700
0.25
0.1
9.1
76.0
380
SMA4743A
43A
13.0
19.0
10.0
700
0.25
0.1
9.9
69.0
344
SMA4744A
44A
15.0
17.0
14.0
700
0.25
0.1
11.4
61.0
305
SMA4745A
45A
16.0
15.5
16.0
700
0.25
0.1
12.2
57.0
285
SMA4746A
46A
18.0
14.0
20.2
750
0.25
0.1
13.7
50.0
250
SMA4747A
47A
20.0
12.5
22.0
750
0.25
0.1
15.2
45.0
225
SMA4748A
48A
22.0
11.5
23.0
750
0.25
0.1
16.7
41.0
205
SMA4749A
49A
24.0
10.5
25.0
750
0.25
0.1
18.2
38.0
190
SMA4750A
50A
27.0
9.5
35.0
750
0.25
0.1
20.6
34.0
170
SMA4751A
51A
30.0
8.5
40.0
1000
0.25
0.1
22.8
30.0
150
SMA4752A
52A
33.0
7.5
45.0
1000
0.25
0.1
25.1
27.0
135
SMA4753A
53A
36.0
7.0
50.0
1000
0.25
0.1
27.4
25.0
125
SMA4754A
54A
39.0
6.5
60.0
1000
0.25
0.1
29.7
23.0
115
SMA4755A
55A
43.0
6.0
70.0
1500
0.25
0.1
32.7
22.0
110
SMA4756A
56A
47.0
5.5
80.0
1500
0.25
0.1
35.8
19.0
95
SMA4757A
57A
51.0
5.0
95.0
1500
0.25
0.1
38.8
18.0
90
SMA4758A
58A
56.0
4.5
110.0
2000
0.25
0.1
42.6
16.0
80
SMA4759A
59A
62.0
4.0
125.0
2000
0.25
0.1
47.1
14.0
70
SMA4760A
60A
68.0
3.7
150.0
2000
0.25
0.1
51.7
13.0
65
SMA4761A
61A
75.0
3.3
175.0
2000
0.25
0.1
56.0
12.0
60
SMA4762A
62A
82.0
3.0
200.0
3000
0.25
0.1
62.2
11.0
55
SMA4763A
63A
91.0
2.8
250.0
3000
0.25
0.1
69.2
10.0
50
SMA4764A
64A
100.0
2.5
350.0
3000
0.25
0.1
76.0
9.0
45
SZ1110A
11Z
110.0
2.3
450.0
4000
0.25
0.1
83.6
8.6
40
SZ1120A
12Z
120.0
2.0
550.0
4500
0.25
0.1
91.2
7.8
37
SZ1130A
13Z
130.0
1.9
700.0
5000
0.25
0.1
98.8
7.0
34
SZ1150A
15Z
150.0
1.7
1000.0
6000
0.25
0.1
114.0
6.4
30
SZ1160A
16Z
160.0
1.6
1100.0
6500
0.25
0.1
121.6
5.8
28


Similar Part No. - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4728A YANGJIE-SMA4728A Datasheet
194Kb / 3P
   Zener Diodes
logo
Shanghai Leiditech Elec...
SMA4728A LEIDITECH-SMA4728A Datasheet
434Kb / 4P
   Small plastic package suitable for surface mounted design
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Shanghai Leiditech Elec...
SMA4728A LEIDITECH-SMA4728A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Socay Electornics Co., ...
SMA4728A SOCAY-SMA4728A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
More results

Similar Description - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com