Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8808B Datasheet(PDF) 7 Page - Keysight Technologies

Part # N8808B
Description  Protocol Triggering and Decode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8808B Datasheet(HTML) 7 Page - Keysight Technologies

  N8808B Datasheet HTML 1Page - Keysight Technologies N8808B Datasheet HTML 2Page - Keysight Technologies N8808B Datasheet HTML 3Page - Keysight Technologies N8808B Datasheet HTML 4Page - Keysight Technologies N8808B Datasheet HTML 5Page - Keysight Technologies N8808B Datasheet HTML 6Page - Keysight Technologies N8808B Datasheet HTML 7Page - Keysight Technologies N8808B Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
07 | Keysight | MIPI UniPro (M-PHY) Protocol Triggering and Decode for Infiniium Series Oscilloscopess - Data Sheet
Related Literature
Publication title
Publication type
Publication number
Infiniium 9000 Series Oscilloscopes
Data sheet
5990-3746EN
Infiniium 90000 X-Series Oscilloscopes
Data sheet
5990-5271EN
Infiniium 90000 Series Oscilloscopes
Data sheet
5989-7819EN
Keysight U7249A MIPI M-PHY Compliance Test Software for Infiniium Oscilloscopes
Data sheet
5990-8933EN
Infiniium S-Series Oscilloscopes
Data sheet
5991-3904EN
Infiniium Z-Series Oscilloscopes
Data sheet
5991-3868EN
Ordering information
To purchase the UniPro protocol decoder with a new or existing Infiniium Series oscilloscope, order the following options.
Software options
Application
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium
90000 Series
Infiniium 9000 Series
UniPro protocol
decoder
Fixed
Factory-installed
N8808A-1FP
N8808B-1FP
Option 052
User-installed
N8808A-1FP
N8808B-1FP
N8808A-1NL
N8808B-1NL
Floating
Transportable
N8808A-1TP
N8808B-1TP
N8808A-1TP1,2
N8808B-1TP1,2
Server-based
N5435A-048
N5435A-048
N5435A-048
N5435A-048
UFS protocol
decoder
(optional)
Fixed
Factory-installed
N8818A-1FP
N8818B-1FP
Option 066
Option 066
User-installed
N8818A-1FP
N8818B-1FP
N8818A-1NL
N8818B-1NL
Floating
Transportable
N8818A-1TP
N8818B-1TP
N8818A-1TP
N8818B-1TP
Server-based
N5435A-063
N5435A-063
N5435A-063
N5435A-063
CSI-3 proto-
col decoder
(optional)
Fixed
Factory-installed
N8820A-1FP
N8820B-1FP
Option 068
User-installed
N8820A-1FP
N8820B-1FP
N8820A-1NL
N8820B-1NL
Floating
Transportable
N8820A-1TP
N8820B-1TP
N8820A-1TP1,2
N8820B-1TP1,2
Server-based
N5435A-065
N5435A-065
N5435A-065
N5435A-065
Serial data
analysis with
clock recovery
(included in
DSA model)
Fixed
Factory-installed
E2688A-1FP
N5384A-1FP
Option 003
Option 003
User-installed
E2688A-1FP
N5384A-1FP
E2688A-1NL
N5384A-1NL
Floating
Transportable
E2688A-1TP
N5384A-1TP
E2688A-1TP1,2
N5384A-1TP1,2
Server-based
N5435A-003
N5435A-003
N5435A-003
N5435A-003
1. Requires software 5.00 and above.
2. Software 4.30 or above requires Windows 7. N2753A Infiniium Windows XP to 7 OS upgrade kit (oscilloscope already has M890 motherboard). N2754A Infiniium
Windows XP to 7 OS and M890 motherboard upgrade kit (oscilloscope without M890 motherboard). Verify the M890 motherboard using the procedure found
in the Windows 7 upgrade kit data sheet with the publication number 5990-8569EN.
3. For full switch configuration, please refer to www.keysight.com/find/switching or the brochure Automated Switching Solution for Oscilloscopes with the
publication number 5991-2413EN.
Other hardware, probes and accessories
Model number
Description
Quantity
1169A
InfiniiMax II 12-GHz differential probe amplifier
2
N5380B
InfiniiMax II SMA probe adapter
2
E2669A
Differential probe connectivity kit (contains needed probe heads)
1


Similar Part No. - N8808B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8808A KEYSIGHT-N8808A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8808A-1FP KEYSIGHT-N8808A-1FP Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
N8808A-1TP KEYSIGHT-N8808A-1TP Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
More results

Similar Description - N8808B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8809A KEYSIGHT-N8809A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8807A KEYSIGHT-N8807A Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8807B KEYSIGHT-N8807B Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8820A KEYSIGHT-N8820A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8818A KEYSIGHT-N8818A Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8808A KEYSIGHT-N8808A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8809B KEYSIGHT-N8809B Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8818B KEYSIGHT-N8818B Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8842A KEYSIGHT-N8842A Datasheet
1Mb / 9P
   Protocol Triggering and Decode
N8820B KEYSIGHT-N8820B Datasheet
3Mb / 8P
   Protocol Triggering and Decode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com