Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1014 Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC1014
Description  Single and Triple, 750MHz Amplifiers with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1014 Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC1014 Datasheet HTML 2Page - Exar Corporation CLC1014 Datasheet HTML 3Page - Exar Corporation CLC1014 Datasheet HTML 4Page - Exar Corporation CLC1014 Datasheet HTML 5Page - Exar Corporation CLC1014 Datasheet HTML 6Page - Exar Corporation CLC1014 Datasheet HTML 7Page - Exar Corporation CLC1014 Datasheet HTML 8Page - Exar Corporation CLC1014 Datasheet HTML 9Page - Exar Corporation CLC1014 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
©2007-2013 Exar Corporation
6/20
Rev 1C
Electrical Characteristics at +5V continued
TA = 25°C, Vs = +5V, Rf = Rg =150Ω, RL = 150Ω to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Characteristics
RO
Output Resistance
Closed Loop, DC
0.1
Ω
VOUT
Output Voltage Swing
RL = 150Ω
1.5 to
3.5
V
IOUT
Output Current
±100
mA
Notes:
1. 100% tested at 25°C


Similar Part No. - CLC1014

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1014 CADEKA-CLC1014 Datasheet
2Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
CLC1014IST5 CADEKA-CLC1014IST5 Datasheet
2Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
CLC1014IST5X CADEKA-CLC1014IST5X Datasheet
2Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
More results

Similar Description - CLC1014

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1004 CADEKA-CLC1004 Datasheet
2Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Cadeka Microcircuits LL...
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
   Single and Triple, 1.5GHz Amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Cadeka Microcircuits LL...
CLC1603 CADEKA-CLC1603 Datasheet
2Mb / 22P
   Single and Triple, 1.1mA, 200MHz Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com