Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2011ISO8X Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC2011ISO8X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8X Datasheet(HTML) 4 Page - Exar Corporation

  CLC2011ISO8X Datasheet HTML 1Page - Exar Corporation CLC2011ISO8X Datasheet HTML 2Page - Exar Corporation CLC2011ISO8X Datasheet HTML 3Page - Exar Corporation CLC2011ISO8X Datasheet HTML 4Page - Exar Corporation CLC2011ISO8X Datasheet HTML 5Page - Exar Corporation CLC2011ISO8X Datasheet HTML 6Page - Exar Corporation CLC2011ISO8X Datasheet HTML 7Page - Exar Corporation CLC2011ISO8X Datasheet HTML 8Page - Exar Corporation CLC2011ISO8X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 - 2014 Exar Corporation
4 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Electrical Characteristics at +5V
TA = 25°C, VS = +5V, Rf = Rg = 5kΩ, RL = 10kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.02Vpp
4.3
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
3.0
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
2.3
MHz
GBWP
Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
2.5
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 1V step; (10% to 90%)
110
ns
tS
Settling Time to 0.1%
VOUT = 2V step
470
ns
OS
Overshoot
VOUT = 1V step
<1
%
SR
Slew Rate
2V step
9
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
10kHz, VOUT = 1Vpp
-73
dBc
HD3
3rd Harmonic Distortion
10kHz, VOUT = 1Vpp
-75
dBc
THD
Total Harmonic Distortion
10kHz, VOUT = 1Vpp
0.03
%
en
Input Voltage Noise
>10kHz
22
nV/√Hz
XTALK
Crosstalk
Channel to Channel, VOUT = 2Vpp, f = 10kHz
82
dB
Channel to Channel, VOUT = 2Vpp, f = 50kHz
74
dB
DC Performance
VIO
Input Offset Voltage
-8
1.5
8
mV
dVIO
Average Drift
15
μV/°C
IB
Input Bias Current
90
450
nA
dIB
Average Drift
40
pA/°C
PSRR
Power Supply Rejection Ratio
DC
55
85
dB
AOL
Open Loop Gain
VOUT = VS / 2
80
dB
IS
Supply Current
per channel
160
235
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
12
M
Ω
CIN
Input Capacitance
2
pF
CMIR
Common Mode Input Range
-0.25 to
5.25
V
CMRR
Common Mode Rejection Ratio
DC
58
80
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 10kΩ to VS / 2
0.08 to
4.92
0.04 to
4.96
V
RL = 1kΩ to VS / 2
0.07 to
4.9
V
RL = 200Ω to VS / 2
0.14 to
4.67
V
IOUT
Output Current
±35
mA


Similar Part No. - CLC2011ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC2011ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
[Old version datasheet]   Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com