Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4192 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4192
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4192 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  SRC4192 Datasheet HTML 1Page - Burr-Brown (TI) SRC4192 Datasheet HTML 2Page - Burr-Brown (TI) SRC4192 Datasheet HTML 3Page - Burr-Brown (TI) SRC4192 Datasheet HTML 4Page - Burr-Brown (TI) SRC4192 Datasheet HTML 5Page - Burr-Brown (TI) SRC4192 Datasheet HTML 6Page - Burr-Brown (TI) SRC4192 Datasheet HTML 7Page - Burr-Brown (TI) SRC4192 Datasheet HTML 8Page - Burr-Brown (TI) SRC4192 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SRC4192, SRC4193
SBFS022A
5
www.ti.com
SWITCHING CHARACTERISTICS
Reference Clock Timing
RCKI Frequency(2), (3)
128 x fSMIN
50
MHz
RCKI Period
tRCKIP
20
1/(128 x fSMIN)ns
RCKI Pulsewidth High
tRCKIH
0.4 x tRCKIP
ns
RCKI Pulsewidth Low
tRCKIL
0.4 x tRCKIP
ns
Reset Timing
RST Pulse Width Low
tRSTL
500
ns
Delay Following RST Rising Edge
SRC4193 Only
500
µs
Input Serial Port Timing
LRCKI to BCKI Setup Time
tLRIS
10
ns
BCKI Pulsewidth High
tSIH
10
ns
BCKI Pulsewidth Low
tSIL
10
ns
SDIN Data Setup Time
tLDIS
10
ns
SDIN Data Hold Time
tLDIH
10
ns
Output Serial Port Timing
SDOUT Data Delay Time
tDOPD
10
ns
SDOUT Data Hold Time
tDOH
2ns
BCKO Pulsewidth High
tSOH
10
ns
BCKO Pulsewidth Low
tSOL
5ns
TDM Mode Timing
LRCKO Setup Time
tLROS
10
ns
LRCKO Hold Time
tLROH
10
ns
TDMI Data Setup Time
tTDMS
10
ns
TDMI Data Hold Time
tTDMH
10
ns
SPI Timing
CCLK Frequency
25
MHz
CDATA Setup Time
tCDS
12
ns
CDATA Hold Time
tCDH
8ns
CS Falling to CCLK Rising
tCSCR
15
ns
CCLK Falling to CS Rising
tCFCS
12
ns
POWER SUPPLIES
Operating Voltage
VDD
3.0
+3.3
3.6
V
VIO
1.65
+3.3
3.6
V
Supply Current
VDD = +3.3V, VIO = +3.3V
IDD, Power Down
RST = 0, No Clocks
100
µA
IDD, Power Down (SRC4193 only)
PDN Bit = 0, No Clocks
5
mA
IDD, Dynamic
fSIN = fsOUT = 192kHz
66
mA
IIO, Power Down
RST = 0, No Clocks
100
µA
IIO, Power Down (SRC4193 only)
PDN Bit = 0, No Clocks
21
µA
IIO, Dynamic
fSIN = fSOUT = 192kHz
2
mA
Total Power Dissipation
VDD = +3.3V, VIO = +3.3V
PD, Power Down
RST = 0, No Clocks
660
µW
PD, Power Down (SRC4193)
PDN Bit = 0, No Clocks
16.6
mW
PD, Dynamic
fSIN = fSOUT = 192kHz
225
mW
ELECTRICAL CHARACTERISTICS (Cont.)
All parameters specified with TA = +25°C, VDD = +3.3V, and VIO = +3.3V, unless otherwise noted.
SRC4192, SRC4193
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
NOTES: (1) Dynamic performance measured with an Audio Precision System Two Cascade or Cascade Plus.
(2) fSMIN = min (fSIN, fSOUT).
(3) fSMAX = max (fSIN, fSOUT).


Similar Part No. - SRC4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192 TI-SRC4192 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com