Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE6A2-5 Datasheet(PDF) 3 Page - Copal Electronics

Part # SLE6A2-5
Description  Miniature Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE6A2-5 Datasheet(HTML) 3 Page - Copal Electronics

  SLE6A2-5 Datasheet HTML 1Page - Copal Electronics SLE6A2-5 Datasheet HTML 2Page - Copal Electronics SLE6A2-5 Datasheet HTML 3Page - Copal Electronics SLE6A2-5 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■PC Hole Layouts
Series
SLE6A4
SLE10A4
SLE6D4
SLE10D4
Dimensions
■Table of Part Numbers
Current
Terminal styles
Switching function
Part No. and rating marking side
6A
Solder Terminal
ON
−OFF  SLE6A
 SLE6A−5
 SLE6A−6
 SLE6A−7
★SLE6A−8
☆SLE6A−9
ON
−ON  SLE6D
★SLE6D−5
☆SLE6D−6
SLE6D−7
SLE6D−8
SLE6D−9
t=0.5
TAB
ON
−OFF  SLE6A2
 SLE6A2−5  SLE6A2−6  SLE6A2−7
SLE6A2−8 ☆SLE6A2−9
ON
−ON  SLE6D2
★SLE6D2−5
SLE6D2−6 ★SLE6D2−7 SLE6D2−8 ★SLE6D2−9
t=0.8
TAB
ON
−OFF
SLE6A5
★SLE6A5−5 ★SLE6A5−6 ★SLE6A5−7
SLE6A5−8 ★SLE6A5−9
ON
−ON
SLE6D5
SLE6D5−5 SLE6D5−6 SLE6D5−7 SLE6D5−8 ★SLE6D5−9
Right Angle Terminal
ON
−OFF
SLE6A4
★SLE6A4−5 ★SLE6A4−6 ★SLE6A4−7
SLE6A4−8 SLE6A4−9
ON
−ON ★SLE6D4
★SLE6D4−5 ★SLE6D4−6 ★SLE6D4−7
SLE6D4−8 SLE6D4−9
10A
Solder Terminal
ON
−OFF ★SLE10A
★SLE10A−5 ★SLE10A−6 ☆SLE10A−7
SLE10A−8 ★SLE10A−9
ON
−ON ★SLE10D
★SLE10D−5
SLE10D−6 SLE10D−7 SLE10D−8 SLE10D−9
t=0.5
TAB
#187
ON
−OFF ★SLE10A2
 SLE10A2−5  SLE10A2−6 ★SLE10A2−7
SLE10A2−8 ★SLE10A2−9
ON
−ON
SLE10D2
★SLE10D2−5 ★SLE10D2−6
SLE10D2−7 SLE10D2−8 SLE10D2−9
t=0.8
TAB
#187
ON
−OFF
SLE10A5
☆SLE10A5−5 ★SLE10A5−6
SLE10A5−7 SLE10A5−8 ★SLE10A5−9
ON
−ON ★SLE10D5
SLE10D5−5 SLE10D5−6 ★SLE10D5−7 SLE10D5−8 SLE10D5−9
Right Angle Terminal
ON
−OFF
SLE10A4
★SLE10A4−5
SLE10A4−6 ★SLE10A4−7 SLE10A4−8 SLE10A4−9
ON
−ON ★SLE10D4
SLE10D4−5 SLE10D4−6 SLE10D4−7 SLE10D4−8 SLE10D4−9
■Fit on rubber cover
Current
Terminal styles
Switching function
Part No.
6A
Solder Terminal
ON
−OFF ★SLE6A−50
ON
−ON ★SLE6D−50
t-0.5
TAB
ON
−OFF ★SLE6A2−50
ON
−ON ★SLE6D2−50
t-0.8
TAB
ON
−OFF ★SLE6A5−50
ON
−ON ★SLE6D5−50
Right Angle Terminal
ON
−OFF ★SLE6A4−50
ON
−ON ★SLE6D4−50
■Switch Guard
For details, refer to page 312.
■ Panel Cut-Out Dimensions
Switchs
Panel thickness
X
0.75
∼1.25
19.2
1.25
∼3.5
19.4
Switch Guard Installation
Panel thickness
X
0.75
∼2.8
19.4
X
+0.1
0
■Handling Precautions
:VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device : Soldering iron
380
℃, Max.; 3 seconds, Max.
※The tab terminals cannot be soldered
2. Precautions for panel mounting
  Page……314
★:Made to order products.
☆:Semi-standard products.
:Inquiry products.


Similar Part No. - SLE6A2-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE6636-BDC INFINEON-SLE6636-BDC Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE6636-BDM3 INFINEON-SLE6636-BDM3 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE6636C INFINEON-SLE6636C Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE6636E INFINEON-SLE6636E Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
More results

Similar Description - SLE6A2-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com