Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4194IPAGR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4194IPAGR
Description  4-Channel, Asynchronous Sample Rate Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4194IPAGR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button SRC4194IPAGR Datasheet HTML 7Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 8Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 9Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 10Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 11Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 12Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 13Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 14Page - Burr-Brown (TI) SRC4194IPAGR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
SRC4194
SBFS025A − JUNE 2004 − REVISED JULY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD33 = +3.3V, VIO = +3.3V, REGEN = High, and VDD18 floating, unless otherwise noted.
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
48k
10k
Frequency (Hz)
f
sIN:fsOUT = 48kHz:96kHz
f
IN =1kHz
with 0dBFS Amplitude
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
96k
10k
Frequency (Hz)
f
sIN:fsOUT = 48kHz:192kHz
f
IN =1kHz
with 0dBFS Amplitude
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
22k
10k
Frequency (Hz)
f
sIN:fsOUT = 96kHz:44.1kHz
f
IN =1kHz
with 0dBFS Amplitude
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
48k
10k
Frequency (Hz)
f
sIN:fsOUT = 48kHz:96kHz
f
IN =1kHz
with
−60dBFS Amplitude
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
96k
10k
Frequency (Hz)
f
sIN:fsOUT = 48kHz:192kHz
f
IN =1kHz
with
−60dBFS Amplitude
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
−170
−180
−190
−200
FFT PLOT
20
100
1k
22k
10k
Frequency (Hz)
f
sIN:fsOUT = 96kHz:44.1kHz
f
IN =1kHz
with
−60dBFS Amplitude


Similar Part No. - SRC4194IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4194IPAGR TI1-SRC4194IPAGR Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4194IPAGRG4 TI1-SRC4194IPAGRG4 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results

Similar Description - SRC4194IPAGR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4184 TI1-SRC4184_08 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com