Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-31TB Datasheet(PDF) 3 Page - Copal Electronics

Part # SM-31TB
Description  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-31TB Datasheet(HTML) 3 Page - Copal Electronics

  SM-31TB Datasheet HTML 1Page - Copal Electronics SM-31TB Datasheet HTML 2Page - Copal Electronics SM-31TB Datasheet HTML 3Page - Copal Electronics SM-31TB Datasheet HTML 4Page - Copal Electronics SM-31TB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.3
2.8
0.9
1.3
2.8
0
0
0.9
1.3
2.8
0
0.9
1.3
2.8
0
0.9
SM-3/31
SURFACE MOUNT TRIMMERS
MAXIMUM INPUT RATINGS
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
50
500
2.50
50.0
100
101
3.53
35.4
200
201
5.00
25.0
500
501
7.91
15.8
1 k
102
11.2
11.2
2 k
202
15.8
7.91
5 k
502
25.0
5.00
10 k
103
35.4
3.54
20 k
203
50.0
2.50
50 k
503
79.1
1.58
100 k
104
112
1.12
200 k
204
158
0.79
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
(Unit : mm)
SM-3W/31W
SM-3A/31A
SM-3B/31B
Note) The zero point is the center of mounting.
Also available to place as the above.
SM-3W/31W
Top adjustment
1
2
3
2.3
3.2
3.9
0.4W
× 1.3L × 0.3D
0.8
0.8
4.2
3.5
Resistance code & Production date code
CW rotation
1
2
3
Note the terminal position.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)


Similar Part No. - SM-31TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-31TW102 ETC2-SM-31TW102 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results

Similar Description - SM-31TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-43TW103 COPAL-SM-43TW103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42 COPAL-SM-42 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com